Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8137YRZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8137YRZ
Description  Low Cost, Low Power, Differential ADC Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8137YRZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8137YRZ Datasheet HTML 3Page - Analog Devices AD8137YRZ Datasheet HTML 4Page - Analog Devices AD8137YRZ Datasheet HTML 5Page - Analog Devices AD8137YRZ Datasheet HTML 6Page - Analog Devices AD8137YRZ Datasheet HTML 7Page - Analog Devices AD8137YRZ Datasheet HTML 8Page - Analog Devices AD8137YRZ Datasheet HTML 9Page - Analog Devices AD8137YRZ Datasheet HTML 10Page - Analog Devices AD8137YRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD8137
Data Sheet
Rev. E | Page 6 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Noise
f = 100 kHz to 5 MHz
18
nV/√Hz
Input Bias Current
0.25
0.9
µA
AD8137W only: TMIN-TMAX
0.9
µA
CMRR
ΔVO, dm /ΔVOCM, ΔVOCM = ±0.5 V
62
75
dB
AD8137W only: TMIN-TMAX
62
dB
Power Supply
Operating Range
+2.7
±6
V
AD8137W only: TMIN-TMAX
+2.7
±6
V
Quiescent Current
2.6
2.8
mA
AD8137W only: TMIN-TMAX
2.8
mA
Quiescent Current, Disabled
Power-down = low
450
600
µA
AD8137W only: TMIN-TMAX
600
µA
PSRR
ΔVS = ±1 V
79
91
dB
AD8137W only: TMIN-TMAX
79
dB
PD Pin
Threshold Voltage
VS− + 0.7
VS− + 1.5
V
AD8137W only: TMIN-TMAX
VS− + 0.7
VS− + 1.5
V
Input Current
Power-down = high/low
50/110
60/120
µA
AD8137W only: TMIN-TMAX
60/125
µA
OPERATING TEMPERATURE RANGE
−40
+125
°C


Numéro de pièce similaire - AD8137YRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8137YRZ AD-AD8137YRZ Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YRZ AD-AD8137YRZ Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
logo
Aavid, Thermal Division...
AD8137YRZ AAVID-AD8137YRZ Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137YRZ-REEL AD-AD8137YRZ-REEL Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YRZ-REEL AD-AD8137YRZ-REEL Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
More results

Description similaire - AD8137YRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com