Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8139 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8139
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8139 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8139_16 Datasheet HTML 7Page - Analog Devices AD8139_16 Datasheet HTML 8Page - Analog Devices AD8139_16 Datasheet HTML 9Page - Analog Devices AD8139_16 Datasheet HTML 10Page - Analog Devices AD8139_16 Datasheet HTML 11Page - Analog Devices AD8139_16 Datasheet HTML 12Page - Analog Devices AD8139_16 Datasheet HTML 13Page - Analog Devices AD8139_16 Datasheet HTML 14Page - Analog Devices AD8139_16 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AD8139
Data Sheet
Rev. C | Page 10 of 26
3
–12
–10
–11
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 13. Small Signal Frequency Response for Various Loads
3
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
CF = 1pF
CF = 2pF
CF = 0pF
Figure 14. Small Signal Frequency Response for Various CF
6
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
VOCM = +4.3V
VOCM = +4V
VOCM = 0V
VOCM = –4V
VOCM = –4.3V
Figure 15. Small Signal Frequency Response at Various VOCM
–13
–12
–10
–11
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 16. Large Signal Frequency Response for Various Loads
2
–13
–11
–12
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
CF = 0pF
CF = 1pF
CF = 2pF
Figure 17. Large Signal Frequency Response for Various CF
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
FREQUENCY (Hz)
RL = 1kΩ
(VO, dm = 0.1V p-p)
RL = 1kΩ
(VO, dm = 2.0V p-p)
RL = 100Ω
(VO, dm = 0.1V p-p)
RL = 100Ω
(VO, dm = 2.0V p-p)
Figure 18. 0.1 dB Flatness for Various Loads and Output Amplitudes


Numéro de pièce similaire - AD8139_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
More results

Description similaire - AD8139_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
logo
Texas Instruments
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com