Moteur de recherche de fiches techniques de composants électroniques |
|
LC750 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers |
|
LC750 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 10 page 9 Patient Care Unit with Standard Laminate or Optional Terreon® Top Installation Instructions LC700, LC750 Bradley Corporation • 215-1171 Rev. D; EN 04-1037 8/16/04 Installation Instructions continued . . . Step 9: Reinstall and adjust the door linkage 1. Reinstall the door linkage by loosely fastening the door linkage rod with the supplied nut onto the linkage bracket (see Figure 18). 2. Close the door. If the water closet contacts the back wall before the door closes, adjust the door linkage by turning the door linkage rod so that the door closes before the water closet comes in contact with the back wall (see Figure 18). If no adjustment is needed, tighten the nut securely on the linkage bracket. NOTE: The linkage arm has a factory-set length. When the door linkage is fastened to the linkage bracket, the door will open 110 degrees. If the PATIENT CARE UNIT is installed against a corner wall, make sure the door does not come in contact with the wall, or the water closet does not come in contact with the back wall when the door is opened or closed. Make adjustments, if necessary, and refer to Figure 18 with inset. 3. After the adjustments are made, tighten the nut securely on the linkage arm. Figure 18 2nd hole for 110 ° opening 3rd hole for 90 ° opening DOOR LINKAGE BRACKET DOOR LINKAGE ARM |
Numéro de pièce similaire - LC750 |
|
Description similaire - LC750 |