Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAPA500VHGGA-Q170 Fiches technique(PDF) 1 Page - Axiomtek Co., Ltd.

No de pièce CAPA500VHGGA-Q170
Description  LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA500VHGGA-Q170 Fiches technique(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA500VHGGA-Q170 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
124
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
Standard
Quick installation guide, user's manual/utility CD and cable
CPU
LGA1151 6th/7th generation Intel® Core™ i7/i5/i3 processor
System Memory
1 x 260-pin DDR4-1867 SO-DIMM, up to 16GB
Chipset
Intel® H110
Intel® Q170 (optional)
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA supported
1 x USB, 1x PCIex1, 1 x LPC, 1 x SMBus through a ZIO
connector (optional)
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x RS-232/422/485; with +5V/+12V powered
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i219LM
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
3 x USB 3.0
3 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
I/O
Packing List
Core System
Display
Top view
Rear view
DDR4 SO-DIMM
Full-size PCIe Mini
Card with mSATA
supported
ZIO connector
(1 x PCIe x1,
1 x USB, 1 x LPC,
1 x SMBus)
Ethernet 1/2
LVDS
Audio
COM 1
SATA
USB 2.0 2/3
USB 3.0 1/2
VGA
HDMI
+12V power input
USB 3.0 3 + USB 2.0 1
Assembly View
CAPA500
3.5" Embedded SBC with LGA1151 Socket 6th/7th Gen Intel® Core™ i7/i5/i3
Processor, LVDS/ VGA/HDMI, Dual LANs and Audio
Features
LGA1151 6th/7th gen Intel® Core™ i7/i5/i3 processor
(Skylake/Kaby Lake)
Intel® H110 chipset (Q170 optional)
1 DDR4-1867 SO-DIMM, up to 16GB
3 USB 3.0 and 3 USB 2.0 ports
1 COM port
Intel® AMT 11 supported (optional)
NEW
TripleView
DDR4
DDR4
DDR4
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Standard
CAPA500VHGGA-H110
(P/N: E38E500103)
3.5" embedded SBC with LGA1151 socket 6th/7th generation
Intel® Core™ i7/i5/i3 processor, Intel® H110 chipset,
VGA/LVDS/HDMI, 2 GbE LANs, audio and gift box
CAPA500VHGGA-Q170
(E38E500102)
3.5" embedded SBC with LGA1151 socket 6th/7th generation
Intel® Core™ i7/i5/i3 processor, Intel® Q170 chipset,
VGA/LVDS/HDMI, 2 GbE LANs, audio and gift box
CAPA500VHGGA-H110-ZI0
(P/N: E38E500101)
3.5" embedded SBC with LGA1151 socket 6th/7th generation
Intel® Core™ i7/i5/i3 processor, Intel® H110 chipset,
VGA/LVDS/HDMI, 2 GbE LANs, audio and ZIO connector
CAPA500VHGGA-Q170-ZI0
(P/N: E38E500100)
3.5" embedded SBC with LGA1151 socket 6th/7th generation
Intel® Core™ i7/i5/i3 processor, Intel® Q170 chipset,
VGA/LVDS/HDMI, 2 GbE LANs, audio and ZIO connector
Optional
AX93262
(P/N: E393262100)
ZIO module w/ four COM ports and one PCIe Mini Card
AX93285
(P/N: E393285100)
ZIO module w/ two COM ports and 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module w/ two COM ports and 2 Gigabit Ethernet
AX93295
(P/N: E393295100)
ZIO module w/ two isolated COM ports and two USB 3.0
Ordering Information


Numéro de pièce similaire - CAPA500VHGGA-Q170

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
CAPA500VHGGA-Q170 AXIOMTEK-CAPA500VHGGA-Q170 Datasheet
350Kb / 2P
   3.5 Embedded SBC with LGA1151 Socket 6th/7th Gen Intel짰 Core??i7/i5/i3 Processor, LVDS/ VGA/HDMI, Dual LANs and Audio
CAPA500VHGGA-Q170-ZIO AXIOMTEK-CAPA500VHGGA-Q170-ZIO Datasheet
350Kb / 2P
   3.5 Embedded SBC with LGA1151 Socket 6th/7th Gen Intel짰 Core??i7/i5/i3 Processor, LVDS/ VGA/HDMI, Dual LANs and Audio
More results

Description similaire - CAPA500VHGGA-Q170

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL Datasheet
296Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3 & CeleronR processor
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
EBOX700-891-FL AXIOMTEK-EBOX700-891-FL Datasheet
356Kb / 1P
   Fanless Embedded System with LGA1151 Socket 6th/7th Gen Intel짰 Core i7/i5/i3
logo
Advantech Co., Ltd.
MIO-5272 ADVANTECH-MIO-5272 Datasheet
813Kb / 2P
   7th & 6th Gen Intel짰 Core??U-series (i7/i5/i3/Celeron짰*), 3.5
17-Jan-2018
logo
Axiomtek Co., Ltd.
EBOX670-891-FL AXIOMTEK-EBOX670-891-FL Datasheet
356Kb / 1P
   LGA1151 socket 6th/7th Intel짰 Core??i7/i5/i3 & CeleronR processors (Skylake/Kaby Lake)
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
Axiomtek Co., Ltd.
GOT321W-502-PCT AXIOMTEK-GOT321W-502-PCT Datasheet
544Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with 7th/6th Gen Intel짰 Core??i7/i5/i3 Processor
CAPA500VHGGA-Q170-ZIO AXIOMTEK-CAPA500VHGGA-Q170-ZIO Datasheet
350Kb / 2P
   3.5 Embedded SBC with LGA1151 Socket 6th/7th Gen Intel짰 Core??i7/i5/i3 Processor, LVDS/ VGA/HDMI, Dual LANs and Audio
IPC140-501 AXIOMTEK-IPC140-501 Datasheet
236Kb / 1P
   4U Industrial System with LGA1151 Socket 7th/6th Gen Intel짰 Core??Processor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com