Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES52110 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ES52110
Description  8-bit D/A Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ES52110 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ES52110 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES52110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ITRI
ERSO
ES52110
8-bit D/A Converter
19999/12/27 01:37 PM
2
PIN Assignment
AGND
1
20 OUT B
OUT A
2
19 R
FBB
R
FBA3
18 V
REFB
V
REFA4
17 V
DD
DGND
5
16 WR
DACA/DACB
6
ES52099
15 CS
(YOP VOEW)
(MSB)DB7
7
14 DB0(LSB)
DB6
8
13 DB 1
DB5
9
12 DR2
DB410
11DB3
Pin Description
Pin NUMBER.
NAME
TYPE
DESCRIPTION
1
AGND
The currcnt from the digital input are
switched between the DAC OUTPUT and
AGND thus maintaining fixed currcnt in
cach ladder leg. Independent of switch statc.
2
OUT A
O
20
OUT B
O
Analog data is restored from D/A conveter
which the digital data is transferred ino ether
of the two DAC.
3
19
R
FB A
R
FB A
Internal feedback resistor
4
18
V
REF A
R
REF B
The refercnce voltage for the R-2R ladder
structure DAC.
5
DGND
6
DAC A/D ACB
I
Both DAC latchcs sharc a common s-bit
input port. The control input DAC A/D ACB
selects which DAC can accept data from the
input port.
7-14
DB7-DB0
I
Data bus is TTL./CMOS com -patible. Data
is transferred into the either of two latches of
DAC. DB0 is the least significant bit
15
CS
I
Input CS and WR control the operating
mode of the selectod DAC. When CS and
WR are both ow. The sclected DAC is in the
Write mode. The input dath latches of the
sclectod DAC are transparcnt and its analog
output responds to activity on DB0-DB7
17
VDD
Power


Numéro de pièce similaire - ES52110

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
ES521 WINBOND-ES521 Datasheet
617Kb / 15P
   Winbond ES521 Evaluation System User Guide
More results

Description similaire - ES52110

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com