Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD242BG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BD242BG
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD242BG Fiches technique(HTML) 1 Page - ON Semiconductor

  BD242BG Datasheet HTML 1Page - ON Semiconductor BD242BG Datasheet HTML 2Page - ON Semiconductor BD242BG Datasheet HTML 3Page - ON Semiconductor BD242BG Datasheet HTML 4Page - ON Semiconductor BD242BG Datasheet HTML 5Page - ON Semiconductor BD242BG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 10
1
Publication Order Number:
BD241C/D
BD241C (NPN),
BD242B (PNP),
BD242C (PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
High Current Gain − Bandwidth Product
Compact TO−220 AB Package
Epoxy Meets UL94 V−0 @ 0.125 in
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
BD242B
BD241C
BD242C
Unit
Collector−Emitter Voltage
VCEO
80
100
Vdc
Collector−Emitter Voltage
VCES
90
115
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current −Continuous
IC
3.0
Adc
Collector Current − Peak
ICM
5.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
40
0.32
W
W/
°C
Operating and Storage
Junction Temperature Range
TJ, Tstg
– 65 to + 150
°C
ESD − Human Body Model
HBM
3B
V
ESD − Machine Model
MM
C
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Thermal Resistance, Junction−to−Case
RqJC
3.125
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
TO−220
CASE 221A
STYLE 1
3
1
POWER TRANSISTORS
COMPLEMENTARY
SILICON
3 AMP
80−100 VOLTS
40 WATTS
2
MARKING
DIAGRAM
BD24xx = Device Code
xx = 1C, 2B, or 2C
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
www.onsemi.com
AYWW
BD24xxG
BD241CG
TO−220
(Pb−Free)
50 Units/Rail
BD242BG
TO−220
(Pb−Free)
50 Units/Rail
BD242CG
TO−220
(Pb−Free)
50 Units/Rail
4
1
BASE
EMITTER 3
COLLECTOR 2,4
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
BASE
EMITTER 3
COLLECTOR 2,4
COMPLEMENTARY


Numéro de pièce similaire - BD242BG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BD242BG ONSEMI-BD242BG Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
More results

Description similaire - BD242BG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com