Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK15C68-P35 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce STK15C68-P35
Description  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-P35 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

  STK15C68-P35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-P35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STK15C68
4-69
ORDERING INFORMATION
Temperature Range
blank = Commercial (0 to 70 degrees C)
I = Industrial (–40 to 85 degrees C)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
Package
W = Plastic 28 pin 600 mil DIP
P = Plastic 28 pin 300 mil DIP
S = Plastic 28 pin 350 mil SOIC
- W 25 I
STK15C68


Numéro de pièce similaire - STK15C68-P35

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK15C68-PF25 SIMTEK-STK15C68-PF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF25I SIMTEK-STK15C68-PF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF35 SIMTEK-STK15C68-PF35 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF35I SIMTEK-STK15C68-PF35I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-PF45 SIMTEK-STK15C68-PF45 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Description similaire - STK15C68-P35

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com