Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD20-2600B Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LD20-2600B
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LD20-2600B Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LD20-2600B Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20-2600B Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20-2600B Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20-2600B Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20-2600B Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20-2600B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sensirion.com
Preliminary version 0.6 – December 2016
1/6
LD20 Liquid Flow Sensor Series – PROTOTYPE
Single-Use Flow Sensor for Biomedical Applications
Low flow sensing up to 1200 ml/h (20 ml/min)
Luer lock or barbed fluidic connectors
Millisecond-fast response time
Product Summary
The LD20 liquid flow sensor series enables precise and
reliable measurements of dynamic liquid flow rates
from a few hundred µl/h up to 1200 ml/h bi-
directionally. This sensor has been designed for single-
use applications in the biomedical field. The LD20
series is still being developed. Thus any specification
can be subject to change in the future (performance,
fittings, communication, etc.).
Electrical Interface:
Digital
- I2C-Bus
For more information on communication, please refer
to section 3 of this document (preliminary).
1 Sensor Performance (Preliminary data, subject to change)
The following Table 1 lists preliminary specifications of the current prototypes. Please contact Sensirion if different
specifications are required.
3D-printed samples of the small (LD20-0600) and medium (LD20-1300) LD20 versions are available on request.
Please contact Sensirion.
Parameter
LD20-0600x
LD20-1300x
LD20-2600B
Unit
H2O Full scale flow rate
20 (0.3)
250 (4.2)
1000 (16.6)
ml/h (ml/min)
H2O Sensor output limita
25 (0.4)
300 (5)
1300 (21.67)
ml/h (ml/min)
Accuracy below full scale
(whichever error is larger)
tbd
tbd
5
% of m.v.b
tbd
tbd
0.25
% of full scale
Repeatability below full scale
(whichever error is larger)
tbd
tbd
0.5
% of m.v.
tbd
tbd
0.025
% of full scale
Temperature coefficientc
(additional error / °C; whichever is larger)
tbd
tbd
0.2
% m.v. / °C
tbd
tbd
0.01
% full scale / °C
Mounting orientation sensitivityd
tbd
tbd
1.0
% of full scale
Flow detection response time
63
tbd
tbd
tbd
ms
a
Flow rate at which the sensor output saturates. See section 2 for performance between full scale and saturation point.
b
Measured value
c
Additional accuracy error for temperatures deviating from 23 °C.
d
Maximum additional offset when flow channel is vertical.


Numéro de pièce similaire - LD20-2600B

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B05 MORNSUN-LD20-26B05 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B09 MORNSUN-LD20-26B09 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B12 MORNSUN-LD20-26B12 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B15 MORNSUN-LD20-26B15 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results

Description similaire - LD20-2600B

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
ML CHERRY-ML Datasheet
453Kb / 3P
   Keymodule ML
logo
List of Unclassifed Man...
ML-250-S1AXF-2P ETC-ML-250-S1AXF-2P Datasheet
473Kb / 1P
   ML-250-S1AXF
logo
Littelfuse
V18MLA1210H LITTELFUSE-V18MLA1210H Datasheet
1Mb / 11P
   ML Varistor Series
logo
Cree, Inc
MLBAWT-A1-0000-000V51 CREE-MLBAWT-A1-0000-000V51 Datasheet
555Kb / 7P
   XLamp ML-B LEDs
logo
Tyco Electronics
1393586-6 MACOM-1393586-6 Datasheet
152Kb / 1P
   Steckverbinder, ML, kompakt Header...
logo
Panasonic Semiconductor
AZ7310 PANASONIC-AZ7310 Datasheet
698Kb / 20P
   ML (AZ7) Limit Switch
logo
Cree, Inc
ML-B CREE-ML-B Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
More results


Html Pages

1 2 3 4 5 6