Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3281EIHZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL3281EIHZ-T
Description  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3281EIHZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL3281EIHZ-T Datasheet HTML 3Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 4Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 5Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 6Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 9Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 10Page - Intersil Corporation ISL3281EIHZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
7
FN6543.4
July 27, 2015
Submit Document Feedback
Receiver Output Low Voltage
VOL1
IO = 4mA, VID = -200mV, VL  2.2V if ISL3282E,
ISL3284E, ISL3285E
Full
-
0.2
0.4
V
VOL2
IO = 2mA, VL  1.5V
ISL3282E,
ISL3284E and
ISL3285E only
Full
-
0.2
0.4
V
VOL3
IO = 1mA, VL  1.35V
Full
-
0.1
0.4
V
VOL4
IO = 500µA, VL  1.35V
25
-
0.1
-
V
Three-state (high impedance)
Receiver Output Current
(Notes 9, 10)
IOZR
0V
 VO  VCC
Full
-1
0.015
1
µA
SUPPLY CURRENT
No-Load Supply Current
ICC
RE/RE = VCC/0V
Full
-
400
500
µA
Shutdown Supply Current
(Note 9)
ISHDN
RE/RE = 0V/VCC
Full
-
-
20
µA
ESD PERFORMANCE
RS-485 Pins (A, B)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±16.5
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±9
-
kV
Human Body Model, from bus pins to GND
25
-
±16.5
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±5
-
kV
MM
25
-
±250
-
V
RECEIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VID = ±2V, VCM = 0V (Figure 4 and Table 2)
(Note 12)
Full
20
30, 24
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL VID = ±2V, VCM = 0V (Figure 4)Full
20
36
60
ns
VL  1.5V (Figure 4)
ISL3282E,
ISL3284E and
ISL3285E only
25
-
44
-
ns
Receiver Skew | tPLH - tPHL |tSK1
VCC = 3.3V ±10% (Figure 4)VL = VCC if
ISL3282E,
ISL3284E, or
ISL3285E
Full
-
1
5.5
ns
tSK2
VCC = 5V ±10% (Figure 4)Full
-
2
7.5
ns
tSK3
VL  1.8V (Figure 4)
ISL3282E,
ISL3284E and
ISL3285E only
25
-
2
-
ns
tSK4
VL = 1.5V (Figure 4)25
-
4
-
ns
Receiver Enable to Output High
(Note 9)
tZH
RL = 1kΩ, CL = 15pF,
SW = GND (Figure 5)
(Note 12)
Full
-
240, 90
500
ns
VL  1.5V (Note 12)
25
-
250, 120
-
ns
Receiver Enable to Output Low
(Note 9)
tZL
RL = 1kΩ, CL = 15pF,
SW = VCC (Figure 5)
(Note 12)
Full
-
240, 90
500
ns
VL  1.5V (Note 12)
25
-
250, 120
-
ns
Receiver Disable from Output
High (Note 9)
tHZ
RL = 1kΩ, CL = 15pF,
SW = GND (Figure 5)
Full
-
10
20
ns
VL  1.5V (Note 12)
25
-
24, 20
-
ns
Receiver Disable from Output
Low (Note 9)
tLZ
RL = 1kΩ, CL = 15pF,
SW = VCC (Figure 5)
Full
-
10
20
ns
VL  1.5V (Note 12)
25
-
24, 20
-
ns
NOTES:
8. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
9. Does not apply to the ISL3280E or ISL3284E.
10. If the Rx enable function isn’t needed, connect the enable pin to the appropriate supply, as described in the “Pin Descriptions” table on page 4
11. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
12. Typical values are at 3.3V, 5V. Parameters with a single entry in the “TYP” column apply to 3.3V and 5V.
Electrical Specifications Test Conditions: VCC=3.0Vto 5.5V;VL=VCC (ISL3282E,ISL3284E,ISL3285Eonly);TypicalsareatTA = +25°C
(Note 12); Unless Otherwise Specified (Note 8). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 11)
TYP
(Note 12)
MAX
(Note 11)UNIT


Numéro de pièce similaire - ISL3281EIHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ISL3281EIHZ-T IDT-ISL3281EIHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3281EIHZ-T RENESAS-ISL3281EIHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Description similaire - ISL3281EIHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com