Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL58327CIZ-T7 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL58327CIZ-T7
Description  Wide Optical Spectrum Laser Power Monitor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58327CIZ-T7 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL58327CIZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL58327CIZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL58327
3
FN6577.2
July 29, 2013
Pin Configuration
ISL58327
(9 BALL OCSP)
TOP VIEW
3
2
1
B
A
C
VDD
OUTN
OUTP
VSS
HL
VREF
A0
SCL
SDA
PD
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
A1
SDA
Digital I/O
I2C interface data, bi-directional
B1
VREF
Analog Input
Reference voltage input
C1
OUTP
Analog Output
Positive swing analog output
A2
SCL
Digital Input
Serial interface clock
B2
HL
Digital Input
HIGH/LOW gain mode selection, H = High gain, L = Low Gain.
Use in conjunction with Reg 0x10 bit 7.
* For hard switching, Reg 0x10 bit 7 must be set to 1.
* For soft switching, this pin must be High.
C2
OUTN
Analog Output
Negative swing analog output
A3
A0
Digital Input
I2C address A0; internally pulled down.
B3
VSS
Power
GND
C3
VDD
Power
+5.0V supply
-
PD
Optical input
Photo diode
Ordering Information
PART NUMBER
(Notes 1, 2, 3, 4)
PACKAGE
Tape & Reel
(Pb-free)
PKG.
DWG. #
ISL58327CIZ-T7
9 Ball OCSP
S3x3.9
ISL58327CIZ-T7A
9 Ball OCSP
S3x3.9
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free WLCSP and BGA packaged products employ special Pb-free material sets; molding compounds/die attach materials and
SnAgCu - e1 solder ball terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
WLCSP and BGA packaged products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. Please refer to TB478 for solder profile.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL58327. For more information on MSL please see tech brief TB363.


Numéro de pièce similaire - ISL58327CIZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58327CIZ-T7 RENESAS-ISL58327CIZ-T7 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7A RENESAS-ISL58327CIZ-T7A Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
More results

Description similaire - ISL58327CIZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
   3V Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
   5V Wide Optical Spectrum Laser Power Monitor IC
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com