Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29034 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL29034
Description  Wide dynamic range1
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29034 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL29034 Datasheet HTML 6Page - Intersil Corporation ISL29034 Datasheet HTML 7Page - Intersil Corporation ISL29034 Datasheet HTML 8Page - Intersil Corporation ISL29034 Datasheet HTML 9Page - Intersil Corporation ISL29034 Datasheet HTML 10Page - Intersil Corporation ISL29034 Datasheet HTML 11Page - Intersil Corporation ISL29034 Datasheet HTML 12Page - Intersil Corporation ISL29034 Datasheet HTML 13Page - Intersil Corporation ISL29034 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL29034
10
FN8370.2
August 19, 2016
Submit Document Feedback
Command-II Register (Address: 0x01)
The Command-II register consists of ADC control bits. In this
register, there are two range bits and two ADC resolution bits.
The default register value is 0x00 at power-on.
FULL SCALE LUX RANGE [B1:B0]
The full scale Lux range has four different selectable ranges. The
range determines the full scale Lux range (1k, 4k, 16k, and 64k).
Each range has a maximum allowable Lux value. Table 7 lists the
possible values of FSR.
Integration Time ADC Resolution [B3:B2]
B2 and B3 determine the ADC’s resolution and the number of
clock cycles per conversion. Changing the number of clock cycles
does more than just change the resolution of the device; it also
changes the integration time, which is the period the device’s
Analog-to-Digital (A/D) converter samples the photodiode current
signal for a measurement. Table 8 lists the possible ADC
resolution. Only 16 bit ADC resolution can reject better
50Hz/60Hz noise flickering light source.
.
Integration Time
Data Registers (Addresses: 0x02 and 0x03)
The ISL29034 has two 8-bit read-only registers to hold the upper
and lower byte of the ADC value. The Upper byte is accessed at
Address 0x03 and the Lower byte is accessed at Address 0x02.
For 16-bit resolution, the data is from D0 to D15; for 12-bit
resolution, the data is from D0 to D11; for 8-bit resolution, the
data is from D0 to D7 and for 4-bit resolution, the data is from
D0 to D3. The registers are refreshed after every conversion
cycle. The default register value is 0x00 at power-on.
ID Register (Address: 0x0F)
The ID register has three different types of information.
TABLE 5. OPERATING MODES BITS
B7
B6
B5
OPERATION
0
0
0
Power-down the device (Default)
0
0
1
The device measures ALS only once every integration
cycle. This is the lowest operating mode. (Note 11)
01
0
IR once
0
1
1
Reserved (Do Not Use)
1
0
0
Reserved (Do Not Use)
1
0
1
Measures ALS continuously
1
1
0
Measures IR continuous
1
1
1
Reserved (Do Not Use)
NOTE:
11. Intersil does not recommend using this mode
TABLE 6. COMMAND-II REGISTER BITS
NAME
REG.
ADDR
(HEX)
REGISTER BITS
DFLT
(HEX)
B7 B6 B5 B4 B3
B2
B1
B0
COMMAND
-II
0x01
RESERVED
RES
1
RES
0
RANGE
1
RANGE
0
0x00
TABLE 7. RANGE REGISTER BITS
RANGE
SELECTION
B1
B0
FULL SCALE LUX RANGE
(LUX)
0
0
0
1,000
1
0
1
4,000
2
1
0
16,000
3
1
1
64,000
TABLE 8. ADC RESOLUTION DATA WIDTH
B3
B2
NUMBER OF CLOCK CYCLES
n-BIT ADC
00
216 = 65,536
16
01
212 = 4,096
12
10
28 = 256
8
11
24 = 16
4
TABLE 9. INTEGRATION TIME OF n-BIT ADC
n # ADC BITS
INTEGRATION TIME (ms)
4
0.022
8
0.352
12
5.6
16
105
TABLE 10. ADC REGISTER BITS
NAME
Reg.
Addr
(HEX)
REGISTER BITS
DFLT
(HEX)
B7
B6
B5
B4
B3
B2
B1
B0
DATALSB 0x02 D7
D6
D5
D4
D3
D2
D1
D0 0x00
DATAMSB 0x03 D15 D14 D13 D12 D11 D10 D9
D8 0x00
TABLE 11. ADC DATA REGISTERS
ADDRESS
(HEX)
CONTENTS
0x02
D0 is LSB for 4-, 8-, 12- or 16-bit resolution; D3 is MSB for
4-bit resolution; D7 is MSB for 8-bit resolution
0x03
D15 is MSB for 16-bit resolution; D11 is MSB for 12-bit
resolution
TABLE 12. ID REGISTER BITS
NAME
ADDR
(HEX)
REGISTER BITS
DFLT
B7
B6
B5 B4 B3 B2 B1 B0
ID
0x0F BOUT RESERVED 1
0
1 RESERVED 1x101xxx


Numéro de pièce similaire - ISL29034

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29034 RENESAS-ISL29034 Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Renesas Technology Corp
ISL29034IROZ-EVALZ RENESAS-ISL29034IROZ-EVALZ Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
logo
Intersil Corporation
ISL29034IROZ-EVALZ INTERSIL-ISL29034IROZ-EVALZ Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Renesas Technology Corp
ISL29034IROZ-T7 RENESAS-ISL29034IROZ-T7 Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
More results

Description similaire - ISL29034

FabricantNo de pièceFiches techniqueDescription
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
   Wide Dynamic Range, High Speed
REV. 0
logo
Zarlink Semiconductor I...
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
   Wide Dynamic Range, High Speed
REV. 0
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
   WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
   Wide Dynamic Range Image Reject MOPLL
logo
Analog Devices
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
   Wide Dynamic Range, Miniature MEMs IMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com