Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL15100 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL15100
Description  Single Port, PLC Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL15100 Fiches technique(HTML) 6 Page - Intersil Corporation

  ISL15100 Datasheet HTML 1Page - Intersil Corporation ISL15100 Datasheet HTML 2Page - Intersil Corporation ISL15100 Datasheet HTML 3Page - Intersil Corporation ISL15100 Datasheet HTML 4Page - Intersil Corporation ISL15100 Datasheet HTML 5Page - Intersil Corporation ISL15100 Datasheet HTML 6Page - Intersil Corporation ISL15100 Datasheet HTML 7Page - Intersil Corporation ISL15100 Datasheet HTML 8Page - Intersil Corporation ISL15100 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ISL15100
6
FN8577.0
September 19, 2013
Applications Information
Product Description
The ISL15100 is a differential operational amplifier designed for
line driving in power line communications (PLC). It is a low
distortion, current mode feedback amplifier that draws
moderately low supply current. Due to the current feedback
architecture, the ISL15100 closed-loop -3dB bandwidth is
dependent on the value of the feedback resistor. The desired
bandwidth is selected by choosing the feedback resistor, RF, and
then the gain is set by picking the gain resistor, RG.
Feedback Resistor Values
The ISL15100 has been designed and specified with RF =1kΩ
for AV = +16. As is the case with all current feedback amplifiers,
wider bandwidth at the expense of slight peaking, can be
obtained by reducing the value of the feedback resistor.
Inversely, larger values of the feedback resistor will cause rolloff
to occur at a lower frequency.
Quiescent Current vs Temperature
The ISL15100 was designed to have the quiescent current
increase with temperature, which maintains good distortion
performance at high temperatures.
Supply Voltage Range
The ISL15100 operates with bipolar supply voltages from ±4.0V
to ±6.6V (±6.65V maximum). Optimum bandwidth, slew rate,
and video characteristics are obtained at higher supply voltages.
Single Supply Operation
If a single supply is desired, values from +8.0V to +13.2V (+13.3V
maximum) can be used as long as the input common mode
range is not exceeded. When using a single supply, be sure to
either:
1. DC bias the inputs at an appropriate common mode voltage
and AC-couple the signal.
2. Ensure the driving signal is within the common mode range of
the ISL15100.
Multi-Tone Power Ratio (MTPR)
G.hn PLC uses OFDM modulation to digitally encode data for
communication. A carrier spacing of 24.41kHz is used in power
lines, and 48.82kHz is used in phone lines.
In multi-tone signaling, linearity is shown in the MTPR
measurement. MTPR measures the difference in power of a
carrier tone vs. a missing tone.
Figure 4 shows ISL15100's MTPR performance for a narrow
frequency span.
Disable Linearity
Unlike DSL, communication in PLC systems is half duplex
meaning only one device can transmit at a time. When the line
driver is not transmitting, it is disabled and the receiver is
enabled. Figure 5 shows the shared transmit and receive signal
path of two ends. When Txa is transmitting, optimal MTPR is
achieved if Txb is removed. Since Txb cannot be removed, the
best MTPR occurs if the line driver is a very high impedance
when disabled.
RBM are resistors to limit fault currents, and to provide a driving
impedance to the transformer, thus setting its frequency span.
RBM is typically low in value (<10Ω).
-100
-90
-80
-70
-60
-50
-40
-30
1.50
1.52
1.54
1.56
1.58
1.60
FREQUENCY (MHz)
MTPR
FIGURE 4. PLC SIGNAL TONES WITH 25kHz SPACING
FIGURE 5. Tx AND Rx SIGNAL PATH. CASE1:[Txa: ON, Rxa: OFF, Txb: OFF, Rxb: ON]. CASE2:[Txa: OFF, Rxa: ON, Txb: ON, Rxb: OFF]


Numéro de pièce similaire - ISL15100

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100EVAL1Z RENESAS-ISL15100EVAL1Z Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100IRZ RENESAS-ISL15100IRZ Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
More results

Description similaire - ISL15100

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com