Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC16245APAG8 Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce 74LVC16245APAG8
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16245APAG8 Fiches technique(HTML) 4 Page - Integrated Device Technology

  74LVC16245APAG8 Datasheet HTML 1Page - Integrated Device Technology 74LVC16245APAG8 Datasheet HTML 2Page - Integrated Device Technology 74LVC16245APAG8 Datasheet HTML 3Page - Integrated Device Technology 74LVC16245APAG8 Datasheet HTML 4Page - Integrated Device Technology 74LVC16245APAG8 Datasheet HTML 5Page - Integrated Device Technology 74LVC16245APAG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
38
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
4.7
1
4
ns
tPHL
xAx to xBx, xBx to xAx
tPZH
OutputEnableTime
6.7
1.5
5.5
ns
tPZL
xOE to xAx or xBx
tPHZ
OutputDisableTime
7.1
1.5
6.6
ns
tPLZ
xOE to xAx or xBx
tSK(o)
OutputSkew(2)
——
1ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Numéro de pièce similaire - 74LVC16245APAG8

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74LVC16245APAG8 RENESAS-74LVC16245APAG8 Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
More results

Description similaire - 74LVC16245APAG8

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com