Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA208X-600E Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BTA208X-600E
Description  Three quadrant triacs guaranteed commutation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-600E Fiches technique(HTML) 4 Page - NXP Semiconductors

  BTA208X-600E Datasheet HTML 1Page - NXP Semiconductors BTA208X-600E Datasheet HTML 2Page - NXP Semiconductors BTA208X-600E Datasheet HTML 3Page - NXP Semiconductors BTA208X-600E Datasheet HTML 4Page - NXP Semiconductors BTA208X-600E Datasheet HTML 5Page - NXP Semiconductors BTA208X-600E Datasheet HTML 6Page - NXP Semiconductors BTA208X-600E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208X series D, E and F
guaranteed commutation
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus heatsink temperature T
hs.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
hs ≤ 73˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
02
468
10
0
2
4
6
8
10
12
= 180
120
90
60
30
IT(RMS) / A
Ptot / W
Ths(max) / C
125
116
107
98
89
80
71
1
-50
0
50
100
150
0
2
4
6
8
10
BT137X
73 C
Ths / C
IT(RMS) / A
10us
100us
1ms
10ms
100ms
10
100
1000
T / s
ITSM / A
dI /dt limit
T
T
ITSM
time
I
Tj initial = 25 C max
T
0.01
0.1
1
10
0
5
10
15
20
25
surge duration / s
IT(RMS) / A
1
10
100
1000
0
Number of cycles at 50Hz
ITSM / A
1
10
20
30
40
50
60
70
80
T
ITSM
time
I
Tj initial = 25 C max
T
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj / C
VGT(Tj)
VGT(25 C)
February 2000
4
Rev 1.000


Numéro de pièce similaire - BTA208X-600E

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208X-600E PHILIPS-BTA208X-600E Datasheet
45Kb / 8P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208X-600E PHILIPS-BTA208X-600E Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
logo
WeEn Semiconductors
BTA208X-600E WEEN-BTA208X-600E Datasheet
305Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA208X-600E

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com