Moteur de recherche de fiches techniques de composants électroniques |
|
Si82395BB-IS1 Fiches technique(PDF) 3 Page - Silicon Laboratories |
|
Si82395BB-IS1 Fiches technique(HTML) 3 Page - Silicon Laboratories |
3 / 38 page Ordering Part Number Configuration Output UVLO Enhanced UVLO UVLO Status Pin Delayed Startup Time Dead-Time Setting Deglitch Package Type Isolation Rating Si82395CB-IS1 Dual, VIA, VIB 12 V No Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si82394AB4-IS1 HS/LS, PWM 6 V No Yes Yes 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82394BB4-IS1 HS/LS, PWM 8 V No Yes Yes 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82394CB4-IS1 HS/LS, PWM 12 V No Yes Yes 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82394AD4-IS HS/LS, PWM 6 V No Yes Yes 40–600 ns Yes SOIC-16 WB 5 kVrms Si82394BD4-IS HS/LS, PWM 8 V No Yes Yes 40–600 ns Yes SOIC-16 WB 5 kVrms Si82394CD4-IS HS/LS, PWM 12 V No Yes Yes 40–600 ns Yes SOIC-16 WB 5 kVrms Si82391AB-IS1 Dual, VIA, VIB 6 V Yes Yes No N/A No SOIC-16 NB 2.5 kVrms Si82391BB-IS1 Dual, VIA, VIB 8 V Yes Yes No N/A No SOIC-16 NB 2.5 kVrms Si82391CB-IS1 Dual, VIA, VIB 12 V Yes Yes No N/A No SOIC-16 NB 2.5 kVrms Si82396AB-IS1 Dual, VIA, VIB 6 V No Yes No N/A No SOIC-16 NB 2.5 kVrms Si82396BB-IS1 Dual, VIA, VIB 8 V No Yes No N/A No SOIC-16 NB 2.5 kVrms Si82396CB-IS1 Dual, VIA, VIB 12 V No Yes No N/A No SOIC-16 NB 2.5 kVrms Si82398AB4-IS1 HS/LS, PWM 6 V No Yes No 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82398BB4-IS1 HS/LS, PWM 8 V No Yes No 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82398CB4-IS1 HS/LS, PWM 12 V No Yes No 40–600 ns Yes SOIC-16 NB 2.5 kVrms Si82398AD4-IS HS/LS, PWM 6 V No Yes No 40–600 ns Yes SOIC-16 WB 5 kVrms Si82398BD4-IS HS/LS, PWM 8 V No Yes No 40–600 ns Yes SOIC-16 WB 5 kVrms Si82398CD4-IS HS/LS, PWM 12 V No Yes No 40–600 ns Yes SOIC-16 WB 5 kVrms Note: 1. All products are rated at 4 A output drive current max, VDDI = 2.5 V – 5.5 V, EN (active high). 2. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica- tions and peak solder temperatures. 3. “Si” and “SI” are used interchangeably. Si8239x Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 2 |
Numéro de pièce similaire - Si82395BB-IS1 |
|
Description similaire - Si82395BB-IS1 |