Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si8645BA-C-IU Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce Si8645BA-C-IU
Description  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BA-C-IU Fiches technique(HTML) 3 Page - Silicon Laboratories

  Si8645BA-C-IU Datasheet HTML 1Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 2Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 3Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 4Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 5Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 6Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 7Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 8Page - Silicon Laboratories Si8645BA-C-IU Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Ordering Part Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate (Mbps)
Default
Output
State
Isolation
Rating
(kV)
Temp (°C)
Package
Product Options with Reinforced VDE 0884-10 Rating with 10 kV Surge Capability
Si8640BT-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8640ET-IS
4
0
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8641BT-IS
3
1
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8641ET-IS
3
1
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8642BT-IS
2
2
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8642ET-IS
2
2
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8645BT-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8645ET-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Note:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
3. An "R" at the end of the part number denotes tape and reel packaging option.
Si864x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 2


Numéro de pièce similaire - Si8645BA-C-IU

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8645BA-C-IU SILABS-SI8645BA-C-IU Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BA-C-IU SKYWORKS-SI8645BA-C-IU Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Description similaire - Si8645BA-C-IU

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com