Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI53112-A03A Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI53112-A03A
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53112-A03A Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI53112-A03A Datasheet HTML 1Page - Silicon Laboratories SI53112-A03A Datasheet HTML 2Page - Silicon Laboratories SI53112-A03A Datasheet HTML 3Page - Silicon Laboratories SI53112-A03A Datasheet HTML 4Page - Silicon Laboratories SI53112-A03A Datasheet HTML 5Page - Silicon Laboratories SI53112-A03A Datasheet HTML 6Page - Silicon Laboratories SI53112-A03A Datasheet HTML 7Page - Silicon Laboratories SI53112-A03A Datasheet HTML 8Page - Silicon Laboratories SI53112-A03A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.0 12/15
Copyright © 2015 by Silicon Laboratories
Si53112-A03A
Si53112-A03A
DB1200ZL 12-O UTPUT PCIE GEN 3 BUFFER
Features
Applications
Description
The Si53112-A03A is a low-power, 12-output, differential clock buffer that
meets all of the performance requirements of the Intel DB1200ZL
specification. To reduce board space and bill of material cost, the device
fully integrates all external resistors, supporting 85
transmission lines.
The device is optimized for distributing reference clocks for Intel®
QuickPath Interconnect (Intel QPI), PCIe Gen 1/Gen 2/Gen 3/Gen 4,
SAS, SATA, and Intel Scalable Memory Interconnect (Intel SMI)
applications. The VCO of the device is optimized to support 100 MHz and
133 MHz operation. Each differential output has a dedicated hardware
output enable pin for maximum flexibility and power savings. Measuring
PCIe clock jitter is quick and easy with the Silicon Labs PCIe Clock Jitter
Tool. Download it for free at www.silabs.com/pcie-learningcenter.
Twelve 0.7 V low-power, push-
pull, HCSL-compatible
PCIe Gen 3 outputs
Individual OE HW pins for each
output clock
100 MHz /133 MHz PLL
operation, supports PCIe and
QPI
PLL bandwidth SW SMBUS
programming overrides the latch
value from HW pin
9 selectable SMBUS addresses
SMBus address configurable to
allow multiple buffers in a single
control network 3.3 V supply
voltage operation
Integrated termination resistors
supporting 85
transmission
lines
PLL or bypass mode
Spread spectrum tolerable
1.05 to 3.3 V I/O supply voltage
50 ps output-to-output skew
50 ps cyc-cyc jitter (PLL mode)
Low phase jitter (Intel QPI, PCIe
Gen 1/2/3/4 common clock
compliant)
Gen 3 SRNS Compliant
100 ps input-to-output delay
Extended Temperature:
–40 to 85 °C
Package: 64-pin QFN
For higher output devices or
variations of this device, contact
Silicon Labs
Server
Storage
Data center
Enterprise Switches and Routers
Patents pending
Ordering Information:
See page 30.


Numéro de pièce similaire - SI53112-A03A

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

Description similaire - SI53112-A03A

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com