Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5351B Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI5351B
Description  Supports static phase offset
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351B Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI5351B Datasheet HTML 2Page - Silicon Laboratories SI5351B Datasheet HTML 3Page - Silicon Laboratories SI5351B Datasheet HTML 4Page - Silicon Laboratories SI5351B Datasheet HTML 5Page - Silicon Laboratories SI5351B Datasheet HTML 6Page - Silicon Laboratories SI5351B Datasheet HTML 7Page - Silicon Laboratories SI5351B Datasheet HTML 8Page - Silicon Laboratories SI5351B Datasheet HTML 9Page - Silicon Laboratories SI5351B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Si5351A/B/C-B
6
Rev. 1.0
Table 4. AC Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power-up Time
TRDY
From VDD =VDDmin to valid
output clock, CL =5pF,
fCLKn >1MHz
—2
10
ms
Power-up Time, PLL Bypass
Mode
TBYP
From VDD =VDDmin to valid
output clock, CL =5pF,
fCLKn >1MHz
—0.5
1
ms
Output Enable Time
TOE
From OEB pulled low to valid
clock output, CL =5pF,
fCLKn >1MHz
——
10
µs
Output Frequency Transition
Time
TFREQ
fCLKn >1MHz
10
µs
Output Phase Offset
PSTEP
333
ps/step
Spread Spectrum Frequency
Deviation
SSDEV
Down spread. Selectable in 0.1%
steps.
–0.1
–2.5
%
Center spread. Selectable in
0.1% steps.
±0.1
±1.5
%
Spread Spectrum Modulation
Rate
SSMOD
30
31.5
33
kHz
VCXO Specifications (Si5351B only)
VCXO Control Voltage Range
Vc
0
VDD/2
VDD
V
VCXO Gain (configurable)
Kv
Vc = 10–90% of VDD, VDD = 3.3 V
18
150
ppm/V
VCXO Control Voltage Linearity
KVL
Vc = 10–90% of VDD
–5
+5
%
VCXO Pull Range
(configurable)
PR
VDD = 3.3 V*
±30
0
±240
ppm
VCXO Modulation Bandwidth
10
kHz
*Note: Contact Silicon Labs for 2.5 V VCXO operation.
Table 5. Input Clock Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
25
27
MHz
CLKIN Input Low Voltage
VIL
–0.1
0.3 x VDD
V
CLKIN Input High Voltage
VIH
0.7 x VDD
—3.60
V
CLKIN Frequency Range
fCLKIN
10
100
MHz


Numéro de pièce similaire - SI5351B

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5351B SILABS-SI5351B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351B-A-GM ETC2-Si5351B-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351B-A-GU ETC2-Si5351B-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5351B-B SKYWORKS-SI5351B-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5351B-B-GM SKYWORKS-SI5351B-B-GM Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
More results

Description similaire - SI5351B

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
   Supports RFID
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
NXP Semiconductors
MC56F837XXDS NXP-MC56F837XXDS Datasheet
1Mb / 63P
   Supports MC56F837xx
Rev. 1.6, 09/2019
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
logo
NXP Semiconductors
MWCT1011B NXP-MWCT1011B Datasheet
892Kb / 81P
   Supports MWCT1011BVLH
Rev. 1, 06/2021
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com