Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4460-C Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce Si4460-C
Description  HIGH-PERFORMANCE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4460-C Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button Si4460-C Datasheet HTML 5Page - Silicon Laboratories Si4460-C Datasheet HTML 6Page - Silicon Laboratories Si4460-C Datasheet HTML 7Page - Silicon Laboratories Si4460-C Datasheet HTML 8Page - Silicon Laboratories Si4460-C Datasheet HTML 9Page - Silicon Laboratories Si4460-C Datasheet HTML 10Page - Silicon Laboratories Si4460-C Datasheet HTML 11Page - Silicon Laboratories Si4460-C Datasheet HTML 12Page - Silicon Laboratories Si4460-C Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Si4463/61/60-C
Rev 1.0
9
Table 4. Transmitter AC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TX Frequency
Range
FTX
850
1050
MHz
350
525
MHz
284
350
MHz
142
175
MHz
(G)FSK Data Rate
DRFSK
0.1
500
kbps
4(G)FSK Data Rate
DR4FSK
0.2
1000
kbps
OOK Data Rate
DROOK
0.1
120
kbps
Modulation Deviation
Range
f960
850–1050 MHz
—1.5
MHz
f525
420–525 MHz
—750
kHz
f420
350–420 MHz
600
—kHz
f350
283–350 MHz
—500
kHz
f175
142–175 MHz
—250
kHz
Modulation Deviation
Resolution
FRES-960
850–1050 MHz
28.6
—Hz
FRES-525
420–525 MHz
14.3
—Hz
FRES-420
350–420 MHz
11.4
—Hz
FRES-350
283–350 MHz
9.5
—Hz
FRES-175
142–175 MHz
4.7
—Hz
Output Power Range
(Si4463)
PTX63
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency
–20
+20
dBm
Output Power Range
(Si4461)
PTX61
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency
–40
+16
dBm
Output Power Range
(Si4460)
PTX60
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency.
Efficiency can be traded off for higher
Tx output power up to +13 dBm
–20
+12.5
dBm
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula: Maximum Symbol
Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3.
Default API setting for modulation deviation resolution is double the typical value specified.
4.
Output power is dependent on matching components and board layout.


Numéro de pièce similaire - Si4460-C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Description similaire - Si4460-C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com