Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5344H-42H Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI5344H-42H
Description  HIGH-FREQUENCY,
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5344H-42H Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI5344H-42H Datasheet HTML 1Page - Silicon Laboratories SI5344H-42H Datasheet HTML 2Page - Silicon Laboratories SI5344H-42H Datasheet HTML 3Page - Silicon Laboratories SI5344H-42H Datasheet HTML 4Page - Silicon Laboratories SI5344H-42H Datasheet HTML 5Page - Silicon Laboratories SI5344H-42H Datasheet HTML 6Page - Silicon Laboratories SI5344H-42H Datasheet HTML 7Page - Silicon Laboratories SI5344H-42H Datasheet HTML 8Page - Silicon Laboratories SI5344H-42H Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Si5344H/42H
Rev. 1.0
5
Table 2. DC Characteristics
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
Si5342H
Si5344H
145
190
mA
IDDA
120
125
mA
Output Buffer Supply Current
IDDOx
High-Frequency Output
Mode (AC-coupled)
@2.75GHz
—45
51
mA
LVPECL Output
@ 156.25 MHz
—22
26
mA
LVDS Output
@ 156.25 MHz
—15
18
mA
3.3 V LVCMOS output
@ 156.25 MHz
—22
30
mA
2.5 V LVCMOS output
@ 156.25 MHz
—18
23
mA
1.8 V LVCMOS output
@ 156.25 MHz
—12
16
mA
Total Power Dissipation
Pd
Si5344H
Notes 1, 5
900
1000
mW
Si5342H
Notes 2, 5
800
900
mW
Notes:
1. Si5344H test configuration: 2 x 2.5 V LVDS outputs @ 156.25 MHz, 2 x 2.5 V Differential High-Speed Output Mode
(ac-coupled) @ 2.104658 GHz. Excludes power in termination resistors.
2. Si5342H test configuration: 1 x 2.5 V LVDS output @ 156.25 MHz, 1 x 2.5 V Differential High-Speed Output Mode (ac-
coupled) @ 2.104658 GHz. Excludes power in termination resistors.
3. Differential outputs terminated into an ac-coupled 100  load.
4. LVCMOS outputs measured into a 6 inch 50  PCB trace with 5 pF load. Measurements were made in CMOS3 mode.
5. Detailed power consumption for any configuration can be estimated using ClockBuilder Pro when an evaluation board
(EVB) is not available. All EVBs support detailed current measurements for any configuration.
50
50
100
OUT
OUT
IDDO
Differential Output Test Configuration
0.1 uF
0.1 uF
50
OUTa
IDDO
5 pF
LVCMOS Output Test Configuration
6 inch
OUTb


Numéro de pièce similaire - SI5344H-42H

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5344H-D-GM SKYWORKS-SI5344H-D-GM Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
More results

Description similaire - SI5344H-42H

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
   HIGH FREQUENCY
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com