Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 7Page - Silicon Laboratories SI4463 Datasheet HTML 8Page - Silicon Laboratories SI4463 Datasheet HTML 9Page - Silicon Laboratories SI4463 Datasheet HTML 10Page - Silicon Laboratories SI4463 Datasheet HTML 11Page - Silicon Laboratories SI4463 Datasheet HTML 12Page - Silicon Laboratories SI4463 Datasheet HTML 13Page - Silicon Laboratories SI4463 Datasheet HTML 14Page - Silicon Laboratories SI4463 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Si4463/61/60-C
Rev 1.0
11
Table 5. Auxiliary Block Specifications1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Sensor
Sensitivity
TSS
4.5
ADC
Codes/
°C
Low Battery Detector
Resolution
LBDRES
—50
mV
Microcontroller Clock
Output Frequency Range2
FMC
Configurable to Fxtal or Fxtal
divided by 2, 3, 7.5, 10, 15, or
30 where Fxtal is the reference
XTAL frequency. In addition,
32.768 kHz is also supported.
32.768K
Fxtal
Hz
Temperature Sensor
Conversion
TEMPCT
Programmable setting
3
ms
XTAL Range3
XTALRange
25
32
MHz
30 MHz XTAL Start-Up Time
t30M
Start-up time will vary with
XTAL type and board layout.
300
µs
30 MHz XTAL Cap
Resolution
30MRES
—70
fF
32 kHz XTAL Start-Up Time
t32k
—2
sec
32 kHz Accuracy using
Internal RC Oscillator
32KRCRES
2500
ppm
POR Reset Time
tPOR
——
6
ms
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –45 to +85 °C unless otherwise stated. All typical values apply at Vdd=3.3V and 25C unless otherwise stated.
2.
Microcontroller clock frequency tested in production at 1 MHz, 30 MHz, 32 MHz, and 32.768 kHz. Other frequencies
tested by bench characterization.
3.
XTAL Range tested in production using an external clock source (similar to using a TCXO).


Numéro de pièce similaire - SI4463

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4463 SILABS-Si4463 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
Si4463 SILABS-Si4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Description similaire - SI4463

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com