Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si8631 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce Si8631
Description  Industrial automation systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8631 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button Si8631 Datasheet HTML 6Page - Silicon Laboratories Si8631 Datasheet HTML 7Page - Silicon Laboratories Si8631 Datasheet HTML 8Page - Silicon Laboratories Si8631 Datasheet HTML 9Page - Silicon Laboratories Si8631 Datasheet HTML 10Page - Silicon Laboratories Si8631 Datasheet HTML 11Page - Silicon Laboratories Si8631 Datasheet HTML 12Page - Silicon Laboratories Si8631 Datasheet HTML 13Page - Silicon Laboratories Si8631 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8631Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.3
1.7
3.9
3.0
2.1
2.7
5.9
4.5
mA
1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
2.2
3.9
3.1
mA
Si8631Bx, Ex
VDD1
VDD2
2.7
2.6
3.8
3.6
mA
10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
3.1
3.9
4.3
mA
Si8631Bx, Ex
VDD1
VDD2
3.0
3.1
4.2
4.4
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
13.2
3.9
17.8
mA
Si8631Bx, Ex
VDD1
VDD2
6.6
9.9
8.8
13.4
mA
Timing Characteristics
Si863xBx, Ex
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
5.0
ns
Propagation Delay
tPHL, tPLH
See Figure 4.2 Propagation
Delay Timing on page 11
5.0
8.0
13
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 4.2 Propagation
Delay Timing on page 11
0.2
4.5
ns
Propagation Delay Skew 3
tPSK(P-P)
2.0
4.5
ns
Channel-Channel Skew
tPSK
0.4
2.5
ns
Si8630/31/35 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.8 | 9


Numéro de pièce similaire - Si8631

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8631 SILABS-SI8631 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8631 SKYWORKS-SI8631 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8631AB-AS SILABS-SI8631AB-AS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8631AB-AS SKYWORKS-SI8631AB-AS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
logo
Silicon Laboratories
SI8631AB-AS1 SILABS-SI8631AB-AS1 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
More results

Description similaire - Si8631

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
   Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com