Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1816S-TL-H Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce 2SD1816S-TL-H
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816S-TL-H Fiches technique(HTML) 6 Page - ON Semiconductor

  2SD1816S-TL-H Datasheet HTML 1Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 2Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 3Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 4Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 5Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 6Page - ON Semiconductor 2SD1816S-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SB1216, 2SD1816
www.onsemi.com
6
PACKAGE DIMENSIONS
unit : mm
1 : Base
2 : Collector
3 : Emitter
4 : Collector
7.0
1.5
2.3
2.3
DPAK / TP-FA
CASE 369AH
ISSUE O
Recommended
Soldering Footprint


Numéro de pièce similaire - 2SD1816S-TL-H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-H ONSEMI-2SD1816S-TL-H Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SD1816S-TL-H ONSEMI-2SD1816S-TL-H Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Description similaire - 2SD1816S-TL-H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com