Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si8275BB-IM Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce Si8275BB-IM
Description  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8275BB-IM Fiches technique(HTML) 3 Page - Silicon Laboratories

  Si8275BB-IM Datasheet HTML 1Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 2Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 3Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 4Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 5Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 6Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 7Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 8Page - Silicon Laboratories Si8275BB-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Ordering
Part Number
Inputs
Driver
Configuration
Output
UVLO
Integrated
Deglitcher
Dead Time
Adjustable
Range
Low
Jitter
Package
Isolation
Rating
Si8275ABD-IM
VIA/VIB
Dual
5
Y
N/A
N
5x5mm
LGA-14
2.5 kVrms
Contact Silicon Labs Sales for These Options
Si8271ABD-IS
VI
Single
5
Y
N/A
N
SOIC-8 NB
2.5 kVrms
Si8271BBD-IS
VI
Single
8
Y
N/A
N
SOIC-8 NB
2.5 kVrms
Si8271DBD-IS
VI
Single
12
Y
N/A
N
SOIC-8 NB
2.5 kVrms
Si8271GBD-IS
VI
Single
3
Y
N/A
N
SOIC-8 NB
2.5 kVrms
Si8273BB-IS1
VIA/VIB
HS/LS
8
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8273BBD-IS1
VIA/VIB
HS/LS
8
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8274BB4D-IS1
PWM
HS/LS
8
Y
20-700
N
SOIC-16 NB
2.5 kVrms
Si8274DB4D-IS1
PWM
HS/LS
12
Y
20-700
N
SOIC-16 NB
2.5 kVrms
Si8275AB-IS1
VIA/VIB
Dual
5
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8275ABD-IS1
VIA/VIB
Dual
5
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8275BB-IS1
VIA/VIB
Dual
8
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8275BBD-IS1
VIA/VIB
Dual
8
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8275DB-IS1
VIA/VIB
Dual
12
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8275DBD-IS1
VIA/VIB
Dual
12
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8275BB-IM
VIA/VIB
Dual
8
N
N/A
Y
5x5mm
LGA-14
2.5 kVrms
Si8275BBD-IM
VIA/VIB
Dual
8
Y
N/A
N
5x5mm
LGA-14
2.5 kVrms
Si8275DB-IM
VIA/VIB
Dual
12
N
N/A
Y
5x5mm
LGA-14
2.5 kVrms
Si8275DBD-IM
VIA/VIB
Dual
12
Y
N/A
N
5x5mm
LGA-14
2.5 kVrms
Si8275GB-IM
VIA/VIB
Dual
3
N
N/A
Y
5x5mm
LGA-14
2.5 kVrms
Si8275GBD-IM
VIA/VIB
Dual
3
Y
N/A
N
5x5mm
LGA-14
2.5 kVrms
Si8275DA-IM
VIA/VIB
Dual
12
N
N/A
Y
5x5mm
LGA-14
1 kVrms
Si8275DAD-IM
VIA/VIB
Dual
12
Y
N/A
N
5x5mm
LGA-14
1 kVrms
Si827x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 2


Numéro de pièce similaire - Si8275BB-IM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8275BB-IM1 SILABS-SI8275BB-IM1 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8275BB-IM1 SKYWORKS-SI8275BB-IM1 Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Description similaire - Si8275BB-IM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com