Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4362-C Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4362-C
Description  Remote control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362-C Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4362-C Datasheet HTML 1Page - Silicon Laboratories SI4362-C Datasheet HTML 2Page - Silicon Laboratories SI4362-C Datasheet HTML 3Page - Silicon Laboratories SI4362-C Datasheet HTML 4Page - Silicon Laboratories SI4362-C Datasheet HTML 5Page - Silicon Laboratories SI4362-C Datasheet HTML 6Page - Silicon Laboratories SI4362-C Datasheet HTML 7Page - Silicon Laboratories SI4362-C Datasheet HTML 8Page - Silicon Laboratories SI4362-C Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Si4362-C
4
Rev 1.0
1. Electrical Specifications
Table 1. DC Characteristics*
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.8
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
—30—
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
—40—
nA
ISleepRC RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
—740
nA
ISleepXO
Sleep current using an external 32 kHz crystal.
1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
Preamble Sense
Mode Current
Ipsm
Duty cycling during preamble search,
1.2 kbps, 4 byte preamble
—6—
mA
TUNE Mode Current
ITune_RX
RX Tune, High Performance Mode
7.6
mA
RX Mode Current
IRXH
High Performance Mode
(measured at 915 MHz and 40 kbps)
—13.7—
mA
IRXL
Low Power Mode
(measured at 315 MHz and 40 kbps)
—10.9—
mA
*Note:
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.


Numéro de pièce similaire - SI4362-C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Description similaire - SI4362-C

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com