Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4060-C Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce Si4060-C
Description  Highly configurable packet handler
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4060-C Fiches technique(HTML) 1 Page - Silicon Laboratories

  Si4060-C Datasheet HTML 1Page - Silicon Laboratories Si4060-C Datasheet HTML 2Page - Silicon Laboratories Si4060-C Datasheet HTML 3Page - Silicon Laboratories Si4060-C Datasheet HTML 4Page - Silicon Laboratories Si4060-C Datasheet HTML 5Page - Silicon Laboratories Si4060-C Datasheet HTML 6Page - Silicon Laboratories Si4060-C Datasheet HTML 7Page - Silicon Laboratories Si4060-C Datasheet HTML 8Page - Silicon Laboratories Si4060-C Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Rev 1.0 10/14
Copyright © 2014 by Silicon Laboratories
Si4063/60-C
Si4063/60-C
H IGH-P ERFORMANCE, L OW-C URRENT TRANSMITTER
Features
Applications
Description
Silicon Laboratories' Si406x devices are high-performance, low-current
transmitters covering the sub-GHz frequency bands from 142 to
1050 MHz. The radios are part of the EZRadioPRO® family, which
includes a complete line of transmitters, receivers, and transceivers
covering a wide range of applications. All parts offer extremely low active
and standby current consumption. The Si406x includes optimal phase
noise performance for narrow band applications, such as FCC Part90 and
169 MHz wireless Mbus. The Si4063 offers exceptional output power of
up to +20 dBm with outstanding TX efficiency. The high output power
allows extended ranges and highly robust communication links. The
Si4060 active mode TX current consumption of 18 mA at +10 dBm
coupled with extremely low standby current and fast wake times ensure
extended battery life in the most demanding applications. The Si4063 can
achieve up to +27 dBm output power with built-in ramping control of a
low-cost external FET. The devices can meet worldwide regulatory
standards: FCC, ETSI, wireless MBus, and ARIB. All devices are
designed to be compliant with 802.15.4g and WMbus smart metering
standards. The devices are highly flexible and can be configured via the
Wireless Development Suite (WDS) available at Silicon Labs web site.
Frequency range = 142–1050 MHz
Modulation

(G)FSK, 4(G)FSK, (G)MSK

OOK
Max output power

+20 dBm (Si4063)

+13 dBm (Si4060)
PA support for +27 or +30 dBm
Ultra low current powerdown modes

30 nA shutdown, 40 nA standby
Data rate = 100 bps to 1 Mbps
Fast wake times
Power supply = 1.8 to 3.8 V
Highly configurable packet handler
TX 129 byte FIFO
Low BOM
Low battery detector
Temperature sensor
20-Pin QFN package
IEEE 802.15.4g compliant
Suitable for FCC Part 90 Mask D, FCC
part 15.247, 15,231, 15,249, ARIB T-108,
T-96, T-67, China regulatory ETSI EN
300 220
Smart metering
Remote control
Home security and alarm
Telemetry
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Electronic shelf labels
Patents pending
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 nSEL
SDI
SDO
SCLK
NC
SDN
TX
nIRQ
NC
NC


Numéro de pièce similaire - Si4060-C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Description similaire - Si4060-C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com