Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si3050PPT-EVB Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si3050PPT-EVB
Description  Ability to read and write DAA registers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050PPT-EVB Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si3050PPT-EVB Datasheet HTML 3Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 4Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 5Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 6Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 7Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 8Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 9Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 10Page - Silicon Laboratories Si3050PPT-EVB Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Si3050-EVB
Rev. 1.1
7
Figure 3. Si3050PPT-EVB Evaluation Software in the Audio Data Monitoring View
5.3. Audio Data Monitoring View
The audio data monitoring view is discussed in the
following sections.
5.3.1. Receive Audio Data of Channel#
Allows selection of channel to control and view. The
Audio Data Monitoring view allows the generation of
DAC data and the capture and display of ADC data.
Operation of the front panel in Line Monitoring view is
detailed in the following list. See Figure 3.
5.3.2. TX Control
DAC Waveform: Selects the waveform to be
generated by the DAC. The waveform types are as
follows: dc, Sine, Square, Ramp, and .wav file.
TX Gain (dB): Selects the transmit path gain/
attenuation.
TX Mute: Mutes the transmit path
Amplitude: Sets the amplitude of the DAC
waveform in either volts or the units of DAC codes.
The units are determined by the Amplitude Units
control.
Frequency: Selects the frequency (Hz) of the
waveform to generate. The actual waveform
frequency may vary slightly from the entered value.
This variation is due to the requirement to fit an
integer number of samples into the transmit buffer.
The control is updated to reflect the actual waveform
frequency generated. The equation for calculating
the frequency of the waveform is as follows:
Actual Frequency = round ((Waveform Frequency/DAC
Sample Rate) x BufferSize) x (DAC Sample Rate/
BufferSize)


Numéro de pièce similaire - Si3050PPT-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3050 SILABS-Si3050 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3050-E-FS SILABS-SI3050-E-FS Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

Description similaire - Si3050PPT-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
   Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
   Read/write head
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com