Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si513 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si513
Description  Two selectable output frequencies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si513 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si513 Datasheet HTML 3Page - Silicon Laboratories Si513 Datasheet HTML 4Page - Silicon Laboratories Si513 Datasheet HTML 5Page - Silicon Laboratories Si513 Datasheet HTML 6Page - Silicon Laboratories Si513 Datasheet HTML 7Page - Silicon Laboratories Si513 Datasheet HTML 8Page - Silicon Laboratories Si513 Datasheet HTML 9Page - Silicon Laboratories Si513 Datasheet HTML 10Page - Silicon Laboratories Si513 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si512/513
Rev. 1.0
7
Table 4. Output Clock Jitter and Phase Noise (LVPECL)
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = LVPECL
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter
(RMS)
JPRMS
10k samples1
——
1.3
ps
Period Jitter
(Pk-Pk)
JPPKPK
10k samples1
——
11
ps
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.31
0.5
ps
12 kHz to 20 MHz integration band-
width (brickwall)2
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN
100 Hz
–86
dBc/Hz
1 kHz
–109
dBc/Hz
10 kHz
–116
dBc/Hz
100 kHz
–123
dBc/Hz
1 MHz
–136
dBc/Hz
Additive RMS
Jitter Due to
External Power
Supply Noise3
JPSR
10 kHz sinusoidal noise
3.0
ps
100 kHz sinusoidal noise
3.5
ps
500 kHz sinusoidal noise
3.5
ps
1 MHz sinusoidal noise
3.5
ps
Spurious
SPR
LVPECL output, 156.25 MHz,
offset > 10 kHz
—–75
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5, 250 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 and 250 MHz.
3.
156.25 MHz. Increase in jitter on output clock due to sinewave noise added to VDD (2.5/3.3 V = 100 mVPP).


Numéro de pièce similaire - Si513

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI513 SILABS-SI513 Datasheet
1Mb / 20P
   DUAL FREQUENCY CRYSTAL OSCILLATOR
More results

Description similaire - Si513

FabricantNo de pièceFiches techniqueDescription
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
logo
IQD Frequency Products ...
IQXO-90 IQD-IQXO-90 Datasheet
177Kb / 3P
   Selectable output frequencies (Up to 4)
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
logo
Silicon Laboratories
SI5040-EVB SILABS-SI5040-EVB Datasheet
1Mb / 24P
   Four selectable on-chip reference frequencies
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com