Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA2S1265-YDTU Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA2S1265-YDTU
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2S1265-YDTU Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA2S1265-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA2S1265-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.1
Features
• Wide operatimg frequency range up to (150kHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protecton (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
• External sync terminal
• Latch up Mode
Description
The SPS product family is specially designed for an offline
SMPS with minimal external components. The SPS consist
of high voltage power SenseFET and current mode PWM
Controller IC. control IC features a trimmed oscillator, under
voltage lock-out, leading edge blanking, optimized gate turn-
on/turn-off driver, thermal shut down protection, over volt-
age protection, temperature compensated precision current
sources for loop compensation and fault protection circuit.
Compared to discrete MOSFET and controller or RCC
switching converter solution, a SPS can reduce total compo-
nent count, design size, weight and at the same time increase
& efficiency, productivity, and system reliability. It has a
basic platform well suited for cost-effective Monitor power
supply.
TO-3P-5L
1. DRAIN 2. GND 3. Vcc 4. FB 5. Sync
1
Internal Block Diagram
#3 VCC
32V
2
µA
5V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#1 DRAIN
#2 GND
#4 FB
#5 Sync
9V
+
6.4V
KA2S1265
Fairchild Power Switch(SPS)


Numéro de pièce similaire - KA2S1265-YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-TU FAIRCHILD-KA2S0680B-TU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-YDTU FAIRCHILD-KA2S0680B-YDTU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0765 FAIRCHILD-KA2S0765 Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
More results

Description similaire - KA2S1265-YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com