Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-25LT3G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce BC817-25LT3G
Description  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-25LT3G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button BC817-25LT3G Datasheet HTML 2Page - ON Semiconductor BC817-25LT3G Datasheet HTML 3Page - ON Semiconductor BC817-25LT3G Datasheet HTML 4Page - ON Semiconductor BC817-25LT3G Datasheet HTML 5Page - ON Semiconductor BC817-25LT3G Datasheet HTML 6Page - ON Semiconductor BC817-25LT3G Datasheet HTML 7Page - ON Semiconductor BC817-25LT3G Datasheet HTML 8Page - ON Semiconductor BC817-25LT3G Datasheet HTML 9Page - ON Semiconductor BC817-25LT3G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BC817−16L, SBC817−16L, BC817−25L, SBC817−25L, BC817−40L, SBC817−40L
www.onsemi.com
8
TYPICAL CHARACTERISTICS − BC817−40L, SBC817−40L
IB, BASE CURRENT (mA)
Figure 21. Saturation Region
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 22. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 23. Capacitances
0.1
1
1
10
100
1000
-2
-1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
10
100
TJ = 25°C
IC = 10 mA
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA


Numéro de pièce similaire - BC817-25LT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC817-25LT3G ONSEMI-BC817-25LT3G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-25LT3G ONSEMI-BC817-25LT3G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
BC817-25LT3G ONSEMI-BC817-25LT3G Datasheet
186Kb / 10P
   General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
More results

Description similaire - BC817-25LT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com