Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02139 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce M02139
Description  10GBASE-SR, IR and LR Links
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M02139 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M02139 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 11Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 12Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 13Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 14Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
11
Mindspeed Proprietary and Confidential
4.0 Applications Information
4.1
Recommended Pin Diode Connections
Figure 4-1.
Suggested PIN Diode Connection Methods
NOTE:
The monitor output is not usable if PINK does not bias the PD.
Selection of Rm depends on the maximum input current as detailed in Table 3-1.
Alternative Circuit: External PD/APD Bias
(optional )
1 nF
500
Ω
470 pF
PDC_Bias
PDC
TIA Bond Pad
TO Can Lead
PINA
DOUT
DOUTB
VCC
PINK
M02139
MON
GND
Recommended Circuit
TIA Bond Pad
TO Can Lead
PINA
DOUT
DOUTB
VCC
PINK
(optional )
1 nF
M02139
Rmon
(optional. For
IMON to VMON
MON
VCC
GND


Numéro de pièce similaire - M02139

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02139 MA-COM-M02139 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-13 MA-COM-M02139-13 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-23 MA-COM-M02139-23 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-33 MA-COM-M02139-33 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
More results

Description similaire - M02139

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
Source Photonics, Inc.
SPP-10E-LR-CDFP SOURCE-SPP-10E-LR-CDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and Data Center application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
logo
ATGBICS by Approved Tec...
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
   QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LRXP8510-X3ATL-C ATGBICS-LRXP8510-X3ATL-C Datasheet
375Kb / 10P
   LRXP8510-X3ATL LR Link Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
JX2-13SLAA1 JDSU-JX2-13SLAA1 Datasheet
124Kb / 3P
   10GBASE-SR X2 Optical Transceiver
JXP-01SGAA1 JDSU-JXP-01SGAA1 Datasheet
195Kb / 4P
   10GBASE-SR XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com