Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02097-12 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce M02097-12
Description  Temperature compensation for modulation current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M02097-12 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  M02097-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02097-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
2
Preliiminary Information/Mindspeed Proprietary and Confidential
1.3
DC Characteristics
1.3.1
DC Electrical Characteristics - LED Driver
VCC = 3.05 to 3.55V or 4.7 to 5.5V, TA = -40°C to +95°C, unless otherwise noted.
Typical values are VCC = 3.3V, IPBOUT = 4mA, IMOD = 50mA.
Table 1-3.
DC Electrical Characteristics - LED Driver
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
ICC
VCCT supply current
Using external 3.3V supply VCC = 3.3V
(1)
Additional current when operating from 5V
supply
34
1.5
43
mA
VCC3THL
3.3V supply detection (low
voltage) threshold (3)
2.6
2.8
3.0
V
VCC3HH
3.3V supply detection (high
voltage) threshold (3)
3.65
3.8
4.1
V
VCC5THL
5V supply detection (low
voltage) threshold
4.3
4.45
4.65
V
VCC5THH
5V supply detection (high
voltage) threshold
5.6
6.0
6.2
V
VMODSET
Modulation current ref.
Voltage reference for MODSET
1.1
1.25
1.4
V
VPBSET
Pre-bias current setting output
voltage reference
Voltage at PBSET
1.1
1.25
1.4
V
VFAULTL
Low fault voltage detection
threshold (IBOUT, OUTP, CPB,
MODSET, PBSET)
Fault condition occurs when voltage drops
below this level
100
200
mV
VSELFL
Self-biased voltage for PBOUT
and OUTP
During disable condition
0.5
1.6
1.8
V
IPRE-BIAS
Pre-bias current adjust range
At PBOUT. VPBOUT > 0.7V
1
10
mA
IPBIAS(OFF) Pre-bias current with output
disabled
DIS = high
VPBOUT = VCC3
150
µA
Ratio of pre-bias output current
to PBSET current
= IPRE-BIAS / IPBSET
–60
A/A
VIH_DIS
TTL/CMOS input high voltage
(DIS)
2.0
5.5
V
VIL_DIS
TTL/CMOS input low voltage
(DIS)
––
0.8
V
VIH_CFG
Configuration logic input high
voltage (Config1 - 4) (4)
VCC3T-0.5
V
VIL_CFG
Configuration logic input low
voltage (Config1 - 4) (4)
––
0.5
V
VOH_FAIL
Logic output high voltage (FAIL)
With external 10 k
Ω pull-up to V
CC
VCC - 0.6
V
VOL_FAIL
Logic output low voltage (FAIL)
IOL = 0.8 mA
0.4
V
RIN
Differential input resistance
Transmitter Data inputs
6
k


Numéro de pièce similaire - M02097-12

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
More results

Description similaire - M02097-12

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com