Moteur de recherche de fiches techniques de composants électroniques |
|
LM102202-H-C-301 Fiches technique(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
LM102202-H-C-301 Fiches technique(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 6 page PIN Diode Limiter Rev. V1 LM102202-H-C-301 3 3 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 3 Handling Procedures Please observe the following precautions to avoid damage: Static and Moisture Sensitivity These electronic devices are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these Class 0 (HBM) devices. The moisture sensitivity level rating for this device is MSL 1. Environmental Capabilities This limiter is capable of meeting the environmental requirements of MIL-STD-750 and MIL-STD-202. Thermal Grounding Caution Product engineering dictates that the LM family of high power limiters require proper heat sinking for high power applications >40 dBm (10 W). MACOM recommends using the part number PNMN13881 heat sink block which was developed for LM family. Assembly Instructions The LM102202-H-C-301 limiters are capable of being placed onto circuit boards with pick and place manu- facturing equipment from tube or tape & reel dispens- ing. The devices are attached to the circuit board using conventional solder re-flow or wave soldering proce- dures with RoHS type or Sn 60 / Pb 40 type solders per Table I & Graph I Time-Temperature recom- mended profile. RF Circuit Solder Footprint, case style 301 (CS301) Recommended RF circuit is Rogers R04350B, 10 mils thick. |
Numéro de pièce similaire - LM102202-H-C-301 |
|
Description similaire - LM102202-H-C-301 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |