Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02067G-13 Fiches technique(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02067G-13
Description  Rise and fall times <150 ps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067G-13 Fiches technique(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067G-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02067G-13 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
3.2
Features
Rise and fall times <150 ps
DC or AC-coupled modulation drive
Independently programmable laser bias and modulation currents
Bias current to 100 mA and modulation current to 85 mA at VCC = 3.3V
Automatic laser power control, with programmable temperature compensation and ‘Slow-Start’
Bias and modulation current monitors
Operates with +3.3V supply
3.3
Modulator
The modulator output stage is designed to drive up to 85 mA in either AC-coupled or DC-coupled mode. DC-
coupled performance depends on the laser used.
The M02067 modulation output is optimized for driving a 25
Ω load; the minimum required voltage at OUT+ and
OUT- is 0.6V. To interface with the laser diode, a matching resistor (RD) is required for impedance matching. An
RC shunt network is necessary to compensate for the laser diode parasitic inductance, thereby improving the
optical eye. Typical values are RSHUNT = 51Ω, CSHUNT = 3.3 pF
Any capacitive loading at the cathode of a laser diode will degrade the optical output performance. An inductor is
used to isolate the BIAS pin from the laser cathode.
Figure 3-2 shows the typical IMOD vs RMODSET characteristic.
Figure 3-2.
Modulation Current for Given RMODSET Resistor
0
20
40
60
80
100
120
0
4000
8000
12000 16000
20000
24000
28000 32000
RMODSET (Ω)


Numéro de pièce similaire - M02067G-13

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02067G-13 MA-COM-M02067G-13 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results

Description similaire - M02067G-13

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com