Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4918 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2N4918
Description  Medium-Power Plastic PNP Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4918 Fiches technique(HTML) 4 Page - ON Semiconductor

  2N4918_17 Datasheet HTML 1Page - ON Semiconductor 2N4918_17 Datasheet HTML 2Page - ON Semiconductor 2N4918_17 Datasheet HTML 3Page - ON Semiconductor 2N4918_17 Datasheet HTML 4Page - ON Semiconductor 2N4918_17 Datasheet HTML 5Page - ON Semiconductor 2N4918_17 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4918 − 2N4920 Series
www.onsemi.com
4
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
qJC(t) = r(t) qJC
qJC = 4.16°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
10
1.0
Figure 5. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.1
2.0
3.0
5.0
10
20
30
50
100
70
0.2
TJ = 150°C
dc
5.0 ms
100
ms
7.0
PULSE CURVES APPLY BELOW
RATED VCEO
1.0 ms
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMIT @ TC = 25°C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
operation i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.
5.0
10
Figure 6. Storage Time
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.5
0.3
0.2
0.1
0.05
20
30
50
70
500 700 1000
ts′ = ts - 1/8 tf
0.07
100
3.0
0.7
200 300
TJ = 25°C
TJ = 150°C
IC/IB = 20
5.0
10
Figure 7. Fall Time
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.5
0.3
0.2
0.1
0.05
20
30
50
70
500 700 1000
0.07
100
3.0
0.7
200 300
TJ = 25°C
TJ = 150°C
IC/IB = 10
IC/IB = 20
IC/IB = 10
IB1 = IB2
VCC = 30 V
IB1 = IB2


Numéro de pièce similaire - 2N4918_17

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
2N4918 JMNIC-2N4918_15 Datasheet
47Kb / 3P
   Silicon PNP Power Transistors
More results

Description similaire - 2N4918_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Micro Commercial Compon...
TIP105 MCC-TIP105 Datasheet
268Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com