Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT49LW040 Fiches technique(PDF) 27 Page - ATMEL Corporation

No de pièce AT49LW040
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW040 Fiches technique(HTML) 27 Page - ATMEL Corporation

Back Button AT49LW040 Datasheet HTML 23Page - ATMEL Corporation AT49LW040 Datasheet HTML 24Page - ATMEL Corporation AT49LW040 Datasheet HTML 25Page - ATMEL Corporation AT49LW040 Datasheet HTML 26Page - ATMEL Corporation AT49LW040 Datasheet HTML 27Page - ATMEL Corporation AT49LW040 Datasheet HTML 28Page - ATMEL Corporation AT49LW040 Datasheet HTML 29Page - ATMEL Corporation AT49LW040 Datasheet HTML 30Page - ATMEL Corporation AT49LW040 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27
AT49LW080/040
1966C–FLASH–03/02
ELECTRICAL CHARACTERISTICS IN A/A MUX MODE: Certain specifications differ
from the previous sections, when programming in A/A Mux Mode. The following subsec-
tions provide this data. Any information that is not shown here is not specific to A/A Mux
Mode and uses the FWH Mode specifications.
When the VPP voltage is ≤ VPPLK, read operations from memory or reading the Product
ID are enabled, but programming and erase functions are disabled. Placing VPPH1/2 on
VPP enables successful sector erase and program operations.
Notes:
1. Input leakage currents include high-Z output leakage for all bi-directional buffers with tri-state outputs.
2. Refer to PCI spec.
3. Inputs are not “5-volt safe.”
4. IIL may be changed on IC and ID pins (up to 200 µA) if pulled against internal pull-downs. Refer to the pin descriptions.
Notes:
1. If RST is asserted when the WSM is not busy (RY/BY = 1), the reset will complete within 100 ns.
2. A reset time, tPHAV, is required from the latter of RY/BY or RST going high until outputs are valid.
AC Waveforms for Reset Operations
A/A Mux Mode Interface DC Input/Output Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
V
IH
(3)
Input High Voltage
0.5 V
CC
V
CC +0.5
V
V
IL
(3)
Input Low Voltage
-0.5
0.8
V
I
IL
(4)
Input Leakage Current
V
CC =VCC max,
Vout =VCC or GND
+10
µA
VOH
Output High Voltage
VCC =VCC min, IOH =-2.5mA
VCC =VCC min, IOH =-100µA
0.85 VCC Min
VCC =0.4
V
V
V
OL
Output Low Voltage
V
CC =VCC min, IOL =2 mA
0.4
V
C
IN
Input Pin Capacitance
13
pF
C
CLK
CLK Pin Capacitance
3
12
pF
LPIN
(2)
Recommended Pin Inductance
20
nH
Reset Operations
Symbol
Parameter
Min
Max
Unit
tPLPH
RST Pulse Low Time (If RST is tied to VCC, this specification is not
applicable.)
100
ns
t
PLRH
RST Low to Reset during Sector Erase or Program
(1)(2)
20
µs
VIH
VIL
VIH
VIL
tPLPH
tPLRH
RY/BY
RST


Numéro de pièce similaire - AT49LW040

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT49LD3200 ATMEL-AT49LD3200 Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10 ATMEL-AT49LD3200-10 Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10TC ATMEL-AT49LD3200-10TC Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-10TI ATMEL-AT49LD3200-10TI Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
AT49LD3200-13 ATMEL-AT49LD3200-13 Datasheet
449Kb / 39P
   32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
More results

Description similaire - AT49LW040

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com