Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G02 Fiches technique(PDF) 7 Page - XP Power Limited

No de pièce G02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPPOWER [XP Power Limited]
Site Internet  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G02 Fiches technique(HTML) 7 Page - XP Power Limited

Back Button G02 Datasheet HTML 2Page - XP Power Limited G02 Datasheet HTML 3Page - XP Power Limited G02 Datasheet HTML 4Page - XP Power Limited G02 Datasheet HTML 5Page - XP Power Limited G02 Datasheet HTML 6Page - XP Power Limited G02 Datasheet HTML 7Page - XP Power Limited G02 Datasheet HTML 8Page - XP Power Limited G02 Datasheet HTML 9Page - XP Power Limited G02 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4726BH01
PAGE 7
WWW.XPPOWER.COM
G SERIES
G25CT THRU G60CT MECHANICAL SPECIFICATIONS
1.50
(38.10)
1.50
(38.10)
0.031
(0.79)
Ø
PC PIN
5 PLACES
TOP VIEW
0.63
(16.00)
0.15
(3.81)
1.200
(30.48)
0.15
(3.81)
1.200
(30.48)
1
2
4
3
RECOMMENDED
PCB LAYOUT
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø
0.052 (1.32 ) & Ø 0.082 (2.08 )
5 PLACES
5
0.60
(15.24)
0.20
(5.08)
0.800
(20.32)
0.35
(8.89)
TOP VIEW
PIN/WIRE #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap
PARAMETER
VALUE
WEIGHT
Weight: 1.5 OZ (43 Grams)
VOLUME
1.4 cubic Inches (23 cubic centimeters)
DIMENSIONS
1.5L (38.1L) x 1.5W (38.1L) x 0.63H (16.0H)
CASE MATERIAL
Diallyl Phthalate (DAP)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Numéro de pièce similaire - G02

FabricantNo de pièceFiches techniqueDescription
logo
Powerbox
G02 POWERBOX-G02 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
List of Unclassifed Man...
G02BA ETC1-G02BA Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BB ETC1-G02BB Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BC ETC1-G02BC Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G02BE ETC1-G02BE Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Description similaire - G02

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com