Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K10101ZATLD Fiches technique(PDF) 4 Page - COSMO Electronics Corporation

No de pièce K10101ZATLD
Description  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101ZATLD Fiches technique(HTML) 4 Page - COSMO Electronics Corporation

  K10101ZATLD Datasheet HTML 1Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 2Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10101ZATLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00005.3
- 4 -
http://www.cosmo-ic.com
cosmo
K1010 Z Series
LOW INPUT CURRENT
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
K1010 Z Model No.
CTR ( % )
K1010 ZA
100 ~ 600
K1010 ZE
50 ~ 600
Fig.1 Current Transfer Ratio
vs. Forward Current
0 . 5
1
2
1 0
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
7 0 0
8 0 0
0 . 1
5
2 0
T a = 2 5
V
= 5 V
C E
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V
=20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.6
-25°
1.4
1.0
0.8
1.2
20
2
5
10
50°
Ta=75°
C
50
100
C
2.2
1.8
2.0
C
C
25°
C
1
0.2
0.5
0.1
0.6
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


Numéro de pièce similaire - K10101ZATLD

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
K10101ZA COSMO-K10101ZA Datasheet
164Kb / 6P
   High Reliability Photocoupler
More results

Description similaire - K10101ZATLD

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com