Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM2795EARWZ-RL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADM2795EARWZ-RL7
Description  Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM2795EARWZ-RL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADM2795EARWZ-RL7 Datasheet HTML 6Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 7Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 8Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 9Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 10Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 11Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 12Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 13Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADM2795E
Data Sheet
Rev. 0 | Page 10 of 27
Figure 10. Driver Differential Propagation Delay vs. Temperature
Figure 11. Driver Propagation Delay (Oscilloscope)
Figure 12. Receiver Output Current vs. Receiver Output High Voltage
Figure 13. Receiver Output Current vs. Receiver Output Low Voltage
Figure 14. Receiver Output High Voltage vs. Temperature
Figure 15. Receiver Output Low Voltage vs. Temperature
26
27
28
29
30
31
32
33
34
35
36
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
tDPLH
tDPHL
VDD1 = VDD2 = 5.5V
C1 2.0V/DIV
M1 2.00V
100ns
1MΩ BW: 500M
A CH1
2.12V
C1
M1
VOD
TxD
–70
–60
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RECEIVER OUTPUT HIGH VOLTAGE (V)
VDD1 = VDD2 = 5V
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RECEIVER OUTPUT LOW VOLTAGE (V)
VDD1 = VDD2 = 5V
0
1
2
3
4
5
6
125
95
65
35
5
–25
–55
TEMPERATURE (°C)
VDD1 = 1.8V,
VDD2 = 3.3V
VDD1 = 5.0V,
VDD2 = 5.0V
IRxD = –1mA
0
10
20
30
40
50
60
125
95
65
35
5
–25
–55
TEMPERATURE (°C)
VDD1 = 1.8V,
VDD2 = 3.3V
VDD1 = 5.0V,
VDD2 = 5.0V
IRxD = –1mA


Numéro de pièce similaire - ADM2795EARWZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM2795EARWZ-RL7 AD-ADM2795EARWZ-RL7 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
More results

Description similaire - ADM2795EARWZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com