Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDK-73M2901CL Fiches technique(PDF) 5 Page - TDK Electronics

No de pièce TDK-73M2901CL
Description  V.22 BIS SINGLE CHIP MODEM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

TDK-73M2901CL Fiches technique(HTML) 5 Page - TDK Electronics

  TDK-73M2901CL Datasheet HTML 1Page - TDK Electronics TDK-73M2901CL Datasheet HTML 2Page - TDK Electronics TDK-73M2901CL Datasheet HTML 3Page - TDK Electronics TDK-73M2901CL Datasheet HTML 4Page - TDK Electronics TDK-73M2901CL Datasheet HTML 5Page - TDK Electronics TDK-73M2901CL Datasheet HTML 6Page - TDK Electronics TDK-73M2901CL Datasheet HTML 7Page - TDK Electronics TDK-73M2901CL Datasheet HTML 8Page - TDK Electronics TDK-73M2901CL Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
73M2901CL
V.22bis Single Chip Modem
5
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Supply Voltage
-0.5V to +4.0V
Pin Input Voltage (except OSCIN)
-0.5V to + 6.0V
Pin Input Voltage (OSCIN)
-0.5V to VPD + 0.5V
Storage Temperature
-55ºC to 150ºC
NOTE: This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections
of this specification is not implied. Exposure to absolute maximum conditions for extended periods of time may affect reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RATING
Supply Voltage
2.7V – 3.6V
Oscillator Frequency
11.0592MHz +/- 50ppm
Operating Temperature
-40ºC to 85ºC
RECEIVER
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Carrier detect On
Tip and Ring
-43
dBm0
*
Carrier detect Off
Tip and Ring
-48
dBm0
*
Carrier Detect Hysteresis
Tip and Ring
2
dB
Receive Level
Tip and Ring
-43
-9
dBm0
*
Idle channel noise
0.2KHz – 4.0KHz
-70
-65
dB
Input impedance
RXA
150
k
Receive Gain Boost
SFR 96.2h = 1
18.8
19.3
19.8
dB
Max Input Level at RxA
Vref=1.25V
0.587
0.622
0.658
Vpk
Total Harmonic Distortion
(THD)
1KHz 450mVpk on RXA
THD=2
nd and 3rd harmonic
-70
-50
dB
* dBm0 refers to the TDK recommended line interface (8dB loss from transmit pins to the line and 5dB loss from the line to the receiver pin). Results
may vary depending on the selected DAA components. 0dBm=0.775mVrms; dBm=10log(Vrms
2/(1mW)(600
Ω))


Numéro de pièce similaire - TDK-73M2901CL

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
   Hybrid Log Periodic Antenna
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
More results

Description similaire - TDK-73M2901CL

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
IP568X ETC1-IP568X Datasheet
93Kb / 6P
   56K V.90 Modem Single Chip
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com