Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST62E80B Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST62E80B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E80B Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST62E80B Datasheet HTML 3Page - STMicroelectronics ST62E80B Datasheet HTML 4Page - STMicroelectronics ST62E80B Datasheet HTML 5Page - STMicroelectronics ST62E80B Datasheet HTML 6Page - STMicroelectronics ST62E80B Datasheet HTML 7Page - STMicroelectronics ST62E80B Datasheet HTML 8Page - STMicroelectronics ST62E80B Datasheet HTML 9Page - STMicroelectronics ST62E80B Datasheet HTML 10Page - STMicroelectronics ST62E80B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
7/78
ST62T80B/E80B
1.2 PIN DESCRIPTIONS
VDD and VSS. Power is supplied to the MCU via
these two pins. VDD is the power connection and
VSS is the ground connection.
OSCin and OSCout. These pins are internally
connected to the on-chip oscillator circuit. A quartz
crystal, a ceramic resonator or an external clock
signal can be connected between these two pins.
The OSCin pin is the input pin, the OSCout pin is
the output pin.
RESET. The active-low RESET pin is used to re-
start the microcontroller.
TEST/V
PP. The TEST must be held at VSS for nor-
mal operation. If TEST pin is connected to a
+12.5V
level
during
the
reset
phase,
the
EPROM/OTP programming Mode is entered.
NMI. The NMI pin provides the capability for asyn-
chronous interruption, by applying an external non
maskable interrupt to the MCU. The NMI input is
falling edge sensitive with Schmitt trigger charac-
teristics. The user can select as option the availa-
bility of an on-chip pull-up at this pin.
PA2-PA7. These 6 lines are organised as one I/O
port (A). Each line may be configured under soft-
ware control as inputs with or without internal pull-
up resistors, interrupt generating inputs with pull-
up resistors, open-drain or push-pull outputs,
PA5/SCL, PA6/Sin and PA7/Sout can be used re-
spectively as data clock, data in and clock pins for
the on-chip SPI, while PA4/TIMER can be used as
Timer I/O. In addition, PA2-PA7 can sink 20mA for
direct LED or TRIAC drive.
PB0...PB7. These 8 lines are organised as one I/O
port (B). Each line may be configured under soft-
ware control as inputs with or without internal pull-
up resistors, interrupt generating inputs with pull-
up resistors, open-drain or push-pull outputs, an-
alog inputs for the A/D converter. PB6/ARTIMin
and PB7/ARTIMout are either Port B I/O bits or the
input and output of the ARTimer. PB0 (resp. PB1)
can also be used as reception (resp. transmission)
line for the embedded UART.
PC0-PC7. These 8 lines are organised as one I/O
port (C). Each line may be configured under soft-
ware control as input with or without internal pull-
up resistor, interrupt generating input with pull-up
resistor, open-drain or push-pull output, or analog
imputs for the A/D Converter. PC0-PC3 can sink
20mA for direct LED or TRIAC drive, while PC4-
PC7 can be used as analog inputs for the A/D
Converter.
COM1-COM8. These eight pins are the LCD pe-
ripheral common outputs. They are the outputs of
the on-chip backplane voltage generator which is
used for multiplexing the LCD lines.
COM9/S1-COM16/S8. These pins are the 8 multi-
plexed common/segment lines. Under software
selected control, they can act as LCD common
outputs allowing a 48 x 16 dot matrix operation, or
they can act as segment outputs alowwing 56 x 8
dot matrix operation.
S9-S56. These pins are the 48 LCD peripheral
segment outputs.
VLCD1/5, VLCD5/5. Display supply voltage inputs
for determining the display voltage levels on
common and segment pins during multiplex oper-
ation.
OSC32in and OSC32out. These pins are inter-
nally connected with the on-chip 32kHz oscillator
circuit. A 32.768kHz quartz crystal can be con-
nected between these two pins if it is necessary to
provide the LCD stand-by clock and real time inter-
rupt. OSC32in is the input pin, OSC32out is the
output pin.
1053


Numéro de pièce similaire - ST62E80B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST62E80BG1 STMICROELECTRONICS-ST62E80BG1 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
More results

Description similaire - ST62E80B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST62T40B STMICROELECTRONICS-ST62T40B Datasheet
445Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T80B STMICROELECTRONICS-ST62T80B_07 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST6240B STMICROELECTRONICS-ST6240B Datasheet
1Mb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T42B STMICROELECTRONICS-ST62T42B Datasheet
410Kb / 68P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T46B STMICROELECTRONICS-ST62T46B Datasheet
455Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
September 1998 Rev. 2.5
ST62T45B STMICROELECTRONICS-ST62T45B Datasheet
514Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
March 1998 Rev. 2.3
ST62T80B STMICROELECTRONICS-ST62T80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B Datasheet
461Kb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B_01 Datasheet
874Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com