Moteur de recherche de fiches techniques de composants électroniques |
|
SI3033C Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers |
|
SI3033C Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 7 page 41 ITypical Characteristics IO vs. VDIF Characteristics Temperature Coefficient of Output Voltage(SI-3050C) Circuit Current(SI-3050C) Output Voltage(SI-3033C) Output Voltage(SI-3050C) Output Voltage(SI-3240C) Overcurrent Protection Characteristics(SI-3033C) Overcurrent ProtectionCharacteristics(SI-3050C) Overcurrent Protection Characteristics(SI-3240C) ON/OFF Control Characteristics(SI-3050C) Thermal ProtectionCharacteristics(SI-3050C) –40 –20 0 20 40 60 80 100 120 140 5.08 5.06 5.04 5.02 5.00 4.98 4.96 Ambient Temperature Ta ( °C) VIN=8V lO=0A VO=5V 0 1.0 2.0 3.0 4.0 6 5 4 3 2 1 0 Output Current lO (A) 0 0.5 1.0 1.5 2.0 2.5 3.0 5 4 3 2 1 0 Output Current IO (A) 5V 6V 8V 0 1.0 2.0 3.0 4.0 6 5 4 3 2 1 0 Output ON/OFF Control Voltage (V) VIN=8V lO=1A off on 20 60 100 140 180 6 5 4 3 2 1 0 Case Temperature TC ( °C) VIN=8V lO=10mA (Ta=25 °C) GSI-3000C Series Note on Thermal Protection: The thermal protection circuit is intended for protection against heat during instantaneous short-circuiting. Its operation is not guaran- teed for continuous heating condition such as short-circuiting over extended periods of time. 0 0.5 1.0 1.5 0.8 0.6 0.4 0.2 0 Output Current lO (A) 02 4 6 8 10 50 40 30 20 10 0 Input Voltage VIN (V) VO=5V IO=1.5A 1.0A 0.5A 0A 0 1 234 5 6 5 4 3 2 1 0 Input Voltage VIN (V) 1A 1.5A 0.5A 0 123 4 5 6 7 7 6 5 4 3 2 1 0 Input Voltage VIN (V) 1.5A lO =0A 0.5A 1A 010 20 30 40 30 25 20 15 10 5 0 Input Voltage VIN (V) lO=0A 0.5A 1A 1.5A 0 1.0 2.0 3.0 4.0 25 20 15 10 5 0 Output Current lO (A) 27V |
Numéro de pièce similaire - SI3033C |
|
Description similaire - SI3033C |