Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4531 Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce 1N4531
Description  Hermetically Sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4531 Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N4531 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4531 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4531 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Switching Diode
Rev. V1
1N4531
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, and JANTXV per
MIL-PRF-19500/116
 Metallurgically Bonded
 Hermetically Sealed
 Double Plug Construction
Maximum Ratings
Operating & Storage Temperature: -65°C to +175°C
Operating Current: 200 mA @ TA = +75°C
Derating Factor: 1.14 mA/°C above TA = +25°C
Surge Current A: 2.0 A, sinewave, Pw = 8.3 ms
DC Reverse Voltage (VRWM): 75 V
DC Electrical Characteristics
VF
IR
VBR
Ambient
(°C)
IF
mA
Min.
V
Max.
V
Ambient
(°C)
V
(dc)
Min.
A
Max.
A
Ambient
(°C)
IR
mA
Min.
V
Max.
V
25
10
0.8
25
20
0.025
25
100
100
25
25
100
1.2
25
75
0.500
150
10
0.8
150
20
35.0
-55
100
1.3
150
75
75.0
AC Electrical Characteristics @ 25°C
Parameter
Symbol Maximum
Capacitance @ 0 V
pF
4
Capacitance @ 1.5 V
pF
2.8
TRR @ IF = IR = 10 mA, IREC = 1 mA
nsec
5
TFR @ IF = 50 mA
nsec
20
VFR @ IF = 50 mA
V(pk)
5


Numéro de pièce similaire - 1N4531

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
102Kb / 19P
   PERFORMANCE SPECIFICATION
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Rohm
1N4531 ROHM-1N4531 Datasheet
38Kb / 3P
   Switching diode
More results

Description similaire - 1N4531

FabricantNo de pièceFiches techniqueDescription
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com