Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3081TL Fiches technique(PDF) 7 Page - COSMO Electronics Corporation

No de pièce KMOC3081TL
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3081TL Fiches technique(HTML) 7 Page - COSMO Electronics Corporation

Back Button KMOC3081TL Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 9Page - COSMO  Electronics Corporation KMOC3081TL Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42003.2
- 7 -
http://www.cosmo-ic.com
cosmo
KMOC308X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Numbering System
KMOC3081 X (Y)
KMOC3082 X (Y)
KMOC3083 X (Y)
Notes:
KMOC3081 / KMOC3082 / KMOC3083 = Part No.
X = Lead form option ( blank、S、H、L )
Y = Tape and reel option ( TL、TR、TLD、TRU )
Option
Description
Packing quantity
S (TL)
surface mount type package + TL tape & reel option
1000 units per reel
S (TR)
surface mount type package + TR tape & reel option
1000 units per reel
L (TLD)
long creepage distance for surface mount type package +
TLD tape & reel option
1000 units per reel
L (TRU)
long creepage distance for surface mount type package +
TRU tape & reel option
1000 units per reel
 Recommended Pad Layout for Surface Mount Lead Form
8.3
1.9
10.7
1.9
5-pin SMD
5-pin L
1. Surface mount type.
2. Long creepage distance
for surface mount type.
Unit:mm


Numéro de pièce similaire - KMOC3081TL

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3081 COSMO-KMOC3081 Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
KMOC3081 COSMO-KMOC3081 Datasheet
385Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3081H COSMO-KMOC3081H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081 COSMO-KMOC3081_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Description similaire - KMOC3081TL

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com