Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3061L Fiches technique(PDF) 5 Page - COSMO Electronics Corporation

No de pièce KMOC3061L
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3061L Fiches technique(HTML) 5 Page - COSMO Electronics Corporation

  KMOC3061L Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42002.2
- 5 -
http://www.cosmo-ic.com
cosmo
KMOC306X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
Fig.7 On-state Characteristics
Fig.8 Inhibit Voltage
vs. Ambient Temperature
-3
-400
-2
-1
0
1
2
3
-300
-200
-100
0
+100
+200
+300
+400
O utp ut pulse width 80us
IF=30mA, f=60Hz, Ta=25°C
-40
-20
0
20
40
60
80
100 115
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
On-state Voltage (V)
Ambient Temperature Ta (℃)
Fig.9 Leakage with LED off
Fig.10 IDRM2 ,Leakage in Inhibited State
vs. Ambient Temperature
vs. Ambient Temperature
1
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
1 0
1 0 0
1 0 0 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
0 .6
0 .7
0 .8
0 .9
1 .0
1 .1
1 .2
1 .3
1 .4
1 .5
IF T = R a te d IF T
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.11 Trigger Current
vs. Ambient Temperature
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
0 .3
0 .4
0 .5
0 .6
0 .7
0 .8
0 .9
1 .0
1 .1
1 .2
1 .3
1 .4
1 .5
1 .6
N o rm a liz e d to T a = 2 5 °C
Ambient Temperature Ta (℃)


Numéro de pièce similaire - KMOC3061L

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3061 COSMO-KMOC3061 Datasheet
383Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3061 COSMO-KMOC3061 Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3061H COSMO-KMOC3061H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061 COSMO-KMOC3061_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Description similaire - KMOC3061L

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com