Moteur de recherche de fiches techniques de composants électroniques |
|
KMOC3083S Fiches technique(PDF) 4 Page - COSMO Electronics Corporation |
|
KMOC3083S Fiches technique(HTML) 4 Page - COSMO Electronics Corporation |
4 / 10 page Cosmo Electronics Corp. Document No. 69P42003.2 - 4 - http://www.cosmo-ic.com cosmo KMOC308X Series 5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER Fig.1 Forward Current Fig.2 Diode Power Dissipation vs. Ambient Temperature vs. Ambient Temperature 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 2 0 3 0 4 0 5 0 6 0 0 - 4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 2 0 4 0 6 0 8 0 1 0 0 1 2 0 7 0 Ambient Temperature Ta (℃) Ambient Temperature Ta (℃) Fig.3 On-state R.M.S. Current Fig.4 Total Power Dissipation vs. Ambient Temperature vs. Ambient Temperature 0 -40 -20 0 20 40 60 80 100 115 20 40 60 80 100 120 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 0 2 0 0 3 0 0 4 0 0 5 0 0 6 0 0 3 3 0 Ambient Temperature Ta (℃) Ambient Temperature Ta (℃) Fig.5 Peak Forward Current Fig.6 Forward Current vs. Duty Ratio vs. Forward Voltage 10 10 100 1000 10000 1 -3 10 -2 10 -1 Pulse width <= 100us Ta=25°C 1 10 100 1000 0.5 1.0 1.5 2.0 2.5 3.0 0 5 2 50 20 500 200 Ta=75°C 50°C 25°C 0°C -25°C Duty Ratio Forward Voltage (V) |
Numéro de pièce similaire - KMOC3083S |
|
Description similaire - KMOC3083S |