Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1304-0000-000F0HB440H Fiches technique(PDF) 7 Page - Cree, Inc |
|
CXA1304-0000-000F0HB440H Fiches technique(HTML) 7 Page - Cree, Inc |
7 / 30 page Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 7 XLamp® CXa1304 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 29). • Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. FlUx CharaCTerisTiCs, ansi WhiTe Order COdes and Bins - 9 V (i f = 400 mA, tJ = 85 °C) The following table provides order codes for XLamp CXA1304 LEDs. For a complete description of the order code nomenclature, please see the Bin and Order Code Formats section (page 26). nominal CCt Cri Minimum Luminous flux Chromaticity regions order Code Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* 6500 K 70 75 B4 410 457 1A0, 1B0, 1C0, 1D0, 65F CXA1304-0000-000C00B40e1 C2 440 490 CXA1304‑0000‑000C00C20E1 C4 475 527 CXA1304-0000-000C00C40e1 80 --- B4 410 457 1A0, 1B0, 1C0, 1D0, 65F CXA1304-0000-000C0HB40e1 C2 440 490 CXA1304‑0000‑000C0HC20E1 C4 475 527 CXA1304-0000-000C0HC40e1 5700 K 70 75 C2 440 490 2A0, 2B0, 2C0, 2D0, 57F CXA1304‑0000‑000C00C20E2 C4 475 527 CXA1304‑0000‑000C00C40E2 80 --- B4 410 457 2A0, 2B0, 2C0, 2D0, 57F CXA1304‑0000‑000C0HB40E2 C2 440 490 CXA1304‑0000‑000C0HC20E2 C4 475 527 CXA1304‑0000‑000C0HC40E2 5000 K 70 75 C2 440 490 3A0, 3B0, 3C0, 3D0, 50F CXA1304‑0000‑000C00C20E3 C4 475 527 CXA1304-0000-000C00C40e3 80 --- B4 410 457 3A0, 3B0, 3C0, 3D0, 50F CXA1304-0000-000C0HB40e3 C2 440 490 CXA1304‑0000‑000C0HC20E3 C4 475 527 CXA1304-0000-000C0HC40e3 4000 K 70 75 B4 410 457 5A0, 5B0, 5C.0, 5D0, 40F CXA1304-0000-000C00B40e5 C2 440 490 CXA1304‑0000‑000C00C20E5 C4 475 527 CXA1304-0000-000C00C40e5 |
Numéro de pièce similaire - CXA1304-0000-000F0HB440H |
|
Description similaire - CXA1304-0000-000F0HB440H |