Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1304-0000-000C00B435F Fiches technique(PDF) 6 Page - Cree, Inc

No de pièce CXA1304-0000-000C00B435F
Description  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00B435F Fiches technique(HTML) 6 Page - Cree, Inc

Back Button CXA1304-0000-000C00B435F Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000C00B435F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® CXa1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 29).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
2700 K
80
---
A4
355
396
27H
CXA1304-0000-
000C00A427H
27G
27F
CXA1304-0000-
000C00A427F
B2
380
423
CXA1304-0000-
000C00B227H
CXA1304-0000-
000C00B227G
CXA1304-0000-
000C00B227F
B4
410
457
CXA1304-0000-
000C00B427H
CXA1304-0000-
000C00B427G
CXA1304-0000-
000C00B427F
93
95
84
220
248
27H
CXA1304-0000-
000C0Y8427H
27G
27F
CXA1304-0000-
000C0Y8427F
92
250
281
CXA1304-0000-
000C0Y9227H
CXA1304-0000-
000C0Y9227G
CXA1304-0000-
000C0Y9227F
94
290
327
CXA1304-0000-
000C0Y9427H
CXA1304-0000-
000C0Y9427G
CXA1304-0000-
000C0Y9427F
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 9 V (i
f = 400 mA, tJ = 85 °C) - COnTinUed


Numéro de pièce similaire - CXA1304-0000-000C00B435F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1304-0000-000C00B435F CREE-CXA1304-0000-000C00B435F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1304-0000-000C00B435F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com