Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1304-0000-000C0U9440F Fiches technique(PDF) 7 Page - Cree, Inc

No de pièce CXA1304-0000-000C0U9440F
Description  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C0U9440F Fiches technique(HTML) 7 Page - Cree, Inc

Back Button CXA1304-0000-000C0U9440F Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 10Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXa1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 29).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FlUx CharaCTerisTiCs, ansi WhiTe Order COdes and Bins - 9 V (i
f = 400 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1304 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 26).
nominal
CCt
Cri
Minimum Luminous flux
Chromaticity regions
order Code
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
6500 K
70
75
B4
410
457
1A0, 1B0, 1C0, 1D0, 65F
CXA1304-0000-000C00B40e1
C2
440
490
CXA1304‑0000‑000C00C20E1
C4
475
527
CXA1304-0000-000C00C40e1
80
---
B4
410
457
1A0, 1B0, 1C0, 1D0, 65F
CXA1304-0000-000C0HB40e1
C2
440
490
CXA1304‑0000‑000C0HC20E1
C4
475
527
CXA1304-0000-000C0HC40e1
5700 K
70
75
C2
440
490
2A0, 2B0, 2C0, 2D0, 57F
CXA1304‑0000‑000C00C20E2
C4
475
527
CXA1304‑0000‑000C00C40E2
80
---
B4
410
457
2A0, 2B0, 2C0, 2D0, 57F
CXA1304‑0000‑000C0HB40E2
C2
440
490
CXA1304‑0000‑000C0HC20E2
C4
475
527
CXA1304‑0000‑000C0HC40E2
5000 K
70
75
C2
440
490
3A0, 3B0, 3C0, 3D0, 50F
CXA1304‑0000‑000C00C20E3
C4
475
527
CXA1304-0000-000C00C40e3
80
---
B4
410
457
3A0, 3B0, 3C0, 3D0, 50F
CXA1304-0000-000C0HB40e3
C2
440
490
CXA1304‑0000‑000C0HC20E3
C4
475
527
CXA1304-0000-000C0HC40e3
4000 K
70
75
B4
410
457
5A0, 5B0, 5C.0, 5D0, 40F
CXA1304-0000-000C00B40e5
C2
440
490
CXA1304‑0000‑000C00C20E5
C4
475
527
CXA1304-0000-000C00C40e5


Numéro de pièce similaire - CXA1304-0000-000C0U9440F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1304-0000-000C0U9440F CREE-CXA1304-0000-000C0U9440F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1304-0000-000C0U9440F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com