Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1304-0000-000C0U9440F Fiches technique(PDF) 1 Page - Cree, Inc

No de pièce CXA1304-0000-000C0U9440F
Description  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C0U9440F Fiches technique(HTML) 1 Page - Cree, Inc

  CXA1304-0000-000C0U9440F Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXA1304 LED
ProDuCt DEsCriPtion
The XLamp® CXA1304 LeD array
expands Cree’s family of high‑flux,
multi‑die arrays in a smaller, easy‑to‑use
platform. With XLamp LED lighting‑class
reliability,
the
CXA1304’s
small,
uniform emitting surface enables both
directional and non‑directional lighting
applications including lamp retrofit and
luminaire designs. Available in 2‑step,
3‑step and 4‑step color consistency, and
featuring a 6‑mm optical source, the
CXA1304 brings new levels of flux and
efficacy to this form factor.
The CX Family LED Design Guide
provides basic information on the
requirements to use the CXA1304 LED
successfully in luminaire designs.
fEAturEs
• Available in 4‑step, 3‑step and 2‑step
EasyWhite® bins at 2700 K, 3000 K,
3500 K, 4000 K & 5000 K CCT and
4‑step EasyWhite bins at 5700 K &
6500 K CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K & 6500 K
CCT
• Available in 70‑, 80‑, 90‑ and
93‑minimum CRI options
• Forward voltage options: 9‑V class,
18‑V class & 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 1000 mA
(9 V), 500 mA (18 V), 250 mA (36 V)
• 115° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• RoHS and REACh compliant
• UL® recognized component
(E349212)
tAbLE of ContEnts
Characteristics ..............................................2
Operating Limits............................................2
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 9 V.....................................4
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 9 V.....................................7
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 18 V...................................8
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 18 V................................ 11
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 36 V................................ 12
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 36 V................................ 15
Relative Spectral Power Distribution ........ 16
Electrical Characteristics........................... 16
Relative Luminous Flux.............................. 18
Typical Spatial Distribution........................ 21
Performance Groups ‑ Brightness ............ 21
Performance Groups ‑ Chromaticity......... 22
Cree EasyWhite® Bins Plotted on the
1931 CIE Color Space................................ 25
Cree ANSI White Bins Plotted on the
1931 CIE Color Space................................ 25
Bin and Order Code Formats..................... 26
Mechanical Dimensions ............................ 26
Thermal Design.......................................... 27
Notes .......................................................... 29
Packaging................................................... 30


Numéro de pièce similaire - CXA1304-0000-000C0U9440F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1304-0000-000C0U9440F CREE-CXA1304-0000-000C0U9440F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1304-0000-000C0U9440F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com